Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1511 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1511
Description  Y2K-Compliant Watchdog Real-Time Clocks
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1511 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1511 Datasheet HTML 2Page - Dallas Semiconductor DS1511 Datasheet HTML 3Page - Dallas Semiconductor DS1511 Datasheet HTML 4Page - Dallas Semiconductor DS1511 Datasheet HTML 5Page - Dallas Semiconductor DS1511 Datasheet HTML 6Page - Dallas Semiconductor DS1511 Datasheet HTML 7Page - Dallas Semiconductor DS1511 Datasheet HTML 8Page - Dallas Semiconductor DS1511 Datasheet HTML 9Page - Dallas Semiconductor DS1511 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
6 of 20
Figure 4. Burst Mode Timing Waveform
A0 –A 4
D Q 0–D Q 7
O E , WE , OR CE
13h
PW HIGH
PW LOW
POWER-UP/DOWN CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CE or WE at VIH Before Power-Fail
tPF
0
ms
VCC Fall Time: VPF(MAX) to VPF(MIN)
tF
300
ms
VCC Fall Time: VPF(MIN) to VSO
tFB
10
ms
VCC Rise Time: VPF(MIN) to VPF(MAX)
tR
0
ms
VPF to RST High
tREC
35
200
ms
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Expected Data-Retention Time
(Oscillator On)
tDR
(Note 9)
10
Years
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
CIN
10
pF
Capacitance on
IRQ, PWR, RST, and DQ
Pins
CIO
10
pF
AC TEST CONDITIONS
OUTPUT LOAD
INPUT PULSE
LEVELS
TIMING MEASUREMENT
REFERENCE LEVELS
INPUT PULSE RISE
AND FALL TIMES
(Y) 50pF + 1TTL Gate
Input: 1.5V
(W) 25pF + 1 TTL Gate
0V to 3.0V for 5V
operation
Output: 1.5V
5ns


Similar Part No. - DS1511

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1511 TTELEC-DS1511 Datasheet
462Kb / 2P
   Platon Automatic Flow Controller
logo
Maxim Integrated Produc...
DS1511W++ MAXIM-DS1511W+ Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS1511Y++ MAXIM-DS1511Y+ Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
More results

Similar Description - DS1511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
DS1501 MAXIM-DS1501_09 Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Texas Instruments
BQ3285LF TI-BQ3285LF Datasheet
150Kb / 22P
[Old version datasheet]   Y2K-Enhanced Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com