Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56371D Datasheet(PDF) 5 Page - Motorola, Inc

Part # DSP56371D
Description  high density CMOS device
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56371D Datasheet(HTML) 5 Page - Motorola, Inc

  DSP56371D Datasheet HTML 1Page - Motorola, Inc DSP56371D Datasheet HTML 2Page - Motorola, Inc DSP56371D Datasheet HTML 3Page - Motorola, Inc DSP56371D Datasheet HTML 4Page - Motorola, Inc DSP56371D Datasheet HTML 5Page - Motorola, Inc DSP56371D Datasheet HTML 6Page - Motorola, Inc DSP56371D Datasheet HTML 7Page - Motorola, Inc DSP56371D Datasheet HTML 8Page - Motorola, Inc DSP56371D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
AC Electrical Characteristics
MOTOROLA
DSP56371 Technical Data
5
6.0
AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum of
0.8V and a VIH minimum of 2.0V for all pins. AC timing specifications, which are referenced to a device
input signal, are measured in production with respect to the 50% point of the respective input signal’s
transition. DSP56371 output levels are measured with the production test machine VOL and VOH reference
levels set at 1.0V and 1.8V, respectively.
NOTE: Although the minimum value for the frequency of EXTAL is 0 MHz (PLL bypassed), the
device AC test conditions are 5 MHz and rated speed.
7.0
Internal Clocks
Table 4 INTERNAL CLOCKS
No.
Characteristics
Symbol
Min
Typ
Max UNIT
Condition
1
Comparison Frequency
Fref[1]
5--
20
MHZ
Fref = FN/NR
2
Input Clock Frequency
FIN
Fref*NR
NR is input divider
value
3
Output clock Frequency
(with PLL enabled[2] [3]
FOUT
75
(1000/Etc
× MF x
FM)/
(PDF
× DF x OD)
--
MHZ
FOUT=FVCO/NO
where NO is output
divider value
4
Output clock Frequency
(with PLL disabled[2] [3]
FOUT
--
1000/Etc
--
MHZ
---
5
Duty Cycle
--
40
50
60
%
FVCO=300MHZ~60
0MHZ
Note:
1.
See users manual for definition.
2.
DF = Division Factor
Ef = External frequency
MF = Multiplication Factor
PDF = Predivision Factor
FM= Feedback Multiplier
OD = Output Divider
3.
Maximum frequency will vary depending on the ordered part number.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56371D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
   high density CMOS device
logo
NXP Semiconductors
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
   The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
More results

Similar Description - DSP56371D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
   high density CMOS device
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Motorola, Inc
DSP56374 MOTOROLA-DSP56374 Datasheet
1Mb / 128P
   high density CMOS device with 3.3 V inputs and outputs
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQ ATMEL-ATV2500BQ_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
logo
Shenzhen Huazhimei Semi...
HM74HC138D HMSEMI-HM74HC138D Datasheet
528Kb / 6P
   high-speed CMOS device
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com