Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS781 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS781
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS781 Datasheet(HTML) 5 Page - Texas Instruments

  TPS781 Datasheet HTML 1Page - Texas Instruments TPS781 Datasheet HTML 2Page - Texas Instruments TPS781 Datasheet HTML 3Page - Texas Instruments TPS781 Datasheet HTML 4Page - Texas Instruments TPS781 Datasheet HTML 5Page - Texas Instruments TPS781 Datasheet HTML 6Page - Texas Instruments TPS781 Datasheet HTML 7Page - Texas Instruments TPS781 Datasheet HTML 8Page - Texas Instruments TPS781 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TYPICAL CHARACTERISTICS
2.2
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
T
J =+85°C
T
J =+25°C
T = 40
-
°
J
C
T
J =+125°C
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
T
J =+125°C
T = 40
-
°
J
C
T
J =+25°C
T
J =+85°C
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
3
2
1
0
-1
-2
-3
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
T =+85°
J
C
T = 40
-
°
J
C
T =+25°
J
C
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
3
2
1
0
-1
-2
-3
T
J =+85°C
T
40
-
°
J =
C
T
J =+25°C
0
25
50
75
100
125
150
I
(mA)
OUT
1.5
1.0
0.5
0
-0.5
-1.0
T
J =+125°C
T
J =+25°C
T = 40
-
°
J
C
T
J =+85°C
TPS781 Series
www.ti.com ........................................................................................................................................................... SBVS102B – MARCH 2008 – REVISED MAY 2008
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VVSET = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
LINE REGULATION
LINE REGULATION
IOUT = 5mA, VOUT = 1.22V (typ)
IOUT = 5mA, VVSET = 1.2V, VOUT = 2.2V (typ)
TPS78101
TPS781330220
Figure 1.
Figure 2.
LINE REGULATION
LINE REGULATION
IOUT = 150mA, VVSET = 1.2V, VOUT = 2.2V (typ)
IOUT = 5mA, VVSET = 0.4V, VOUT = 3.3V (typ)
TPS781330220
TPS781330220
Figure 3.
Figure 4.
LINE REGULATION
LOAD REGULATION
IOUT = 150mA, VVSET = 0.4V, VOUT = 3.3V (typ)
VOUT = 3.3V
TPS781330220
TPS78101
Figure 5.
Figure 6.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS781

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS78101DDCR TI1-TPS78101DDCR Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS78101DDCRG4 TI1-TPS78101DDCRG4 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS78101DDCT TI1-TPS78101DDCT Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS78101DDCTG4 TI1-TPS78101DDCTG4 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS781

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com