Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS780330200DDCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780330200DDCR
Description  150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS780330200DDCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS780330200DDCR Datasheet HTML 1Page - Texas Instruments TPS780330200DDCR Datasheet HTML 2Page - Texas Instruments TPS780330200DDCR Datasheet HTML 3Page - Texas Instruments TPS780330200DDCR Datasheet HTML 4Page - Texas Instruments TPS780330200DDCR Datasheet HTML 5Page - Texas Instruments TPS780330200DDCR Datasheet HTML 6Page - Texas Instruments TPS780330200DDCR Datasheet HTML 7Page - Texas Instruments TPS780330200DDCR Datasheet HTML 8Page - Texas Instruments TPS780330200DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
IN
GND
EN
6
5
4
OUT
N/C
V
/FB
SET
1
2
3
Thermal
Pad
(1)
OUT
V
/FB
SET
IN
GND
EN
1
2
3
5
4
TPS780
www.ti.com
SBVS083E – JANUARY 2007 – REVISED JANUARY 2015
5 Pin Configuration and Functions
SOT
5 Pins
SON
Top View
6 Pins
Top View
(1)
It is recommended that the SON package
thermal pad be connected to ground.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SON
SOT
Regulated output voltage pin. A small (1-
μF) ceramic capacitor is needed from this pin to
OUT
1
5
O
ground to assure stability. See Input and Output Capacitor Requirements for more details.
N/C
2
Not connected.
Feedback pin (FB) for adjustable versions; VSET for fixed voltage versions. Drive the select
VSET/FB
3
4
I
pin (VSET) below 0.4 V to select preset output voltage high. Drive the VSET pin over 1.2 V
to select preset output voltage low.
Enable pin. Drive this pin over 1.2 V to turn on the regulator. Drive this pin below 0.4 V to
EN
4
3
I
put the regulator into shutdown mode, reducing operating current to 18 nA typical.
GND
5
2
Ground pin. Tie all ground pins to ground for proper operation.
Input pin. A small capacitor is needed from this pin to ground to assure stability. A typical
IN
6
1
I
input capacitor is 1.0
μF. Tie back both input and output capacitor ground to the IC
ground, with no significant impedance between them.
Thermal
(SON package only) Connect the thermal pad to ground.
pad
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS780


Similar Part No. - TPS780330200DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780330220DDCR TI-TPS780330220DDCR Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780330220DDCR TI-TPS780330220DDCR Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780330220DDCR TI-TPS780330220DDCR Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780330220DDCRG4 TI-TPS780330220DDCRG4 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780330220DDCRG4 TI-TPS780330220DDCRG4 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS780330200DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com