Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17485E-5 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS17485E-5
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17485E-5 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS17485E-5 Datasheet HTML 5Page - Dallas Semiconductor DS17485E-5 Datasheet HTML 6Page - Dallas Semiconductor DS17485E-5 Datasheet HTML 7Page - Dallas Semiconductor DS17485E-5 Datasheet HTML 8Page - Dallas Semiconductor DS17485E-5 Datasheet HTML 9Page - Dallas Semiconductor DS17485E-5 Datasheet HTML 10Page - Dallas Semiconductor DS17485E-5 Datasheet HTML 11Page - Dallas Semiconductor DS17485E-5 Datasheet HTML 12Page - Dallas Semiconductor DS17485E-5 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DS17485/DS17487
9 of 38
CONTROL REGISTERS
The four control registers; A, B, C, and D reside in both bank 0 and bank 1. These registers are accessible
at all times, even during the update cycle.
REGISTER A
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
UIP – Update-in-Progress. The UIP bit is a status flag that can be monitored. When the UIP bit is a 1,
the update transfer occurs soon. When UIP is a 0, the update transfer does not occur for at least 244µs.
The time, calendar, and alarm information in RAM is fully available for access when the UIP bit is 0. The
UIP bit is read-only. Writing the SET bit in Register B to a 1 inhibits any update transfer and clears the
UIP status bit.
DV2, DV1, DV0 – These bits are defined as follows:
DV2
= Countdown Chain
1 – Resets countdown chain only if DV1 = 1
0 – Countdown chain enabled
DV1
= Oscillator Enable
0 – Oscillator off
1 – Oscillator on, VCC power-up state
DV0
= Bank Select
0 – Original bank
1 – Extended registers
A pattern of 01x is the only combination of bits that turns the oscillator on and allows the RTC to keep
time. A pattern of 11x enables the oscillator but holds the countdown chain in reset. The next update
occurs at 500ms after a pattern of 01x is written to DV2, DV1, and DV0.
RS3, RS2, RS1, RS0 – These four rate-selection bits select one of the 13 taps on the 15-stage divider or
disable the divider output. The tap selected can be used to generate an output square wave (SQW pin)
and/or a periodic interrupt. The user can do one of the following:
§ Enable the interrupt with the PIE bit;
§ Enable the SQW output pin with the SQWE or E32k bits;
§ Enable both at the same time and the same rate; or
§ Enable neither.
Table 2 lists the periodic interrupt rates and the square-wave frequencies that can be chosen with the RS
bits.


Similar Part No. - DS17485E-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17485E-5 MAXIM-DS17485E-5 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17485E-5++ MAXIM-DS17485E-5+ Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17485E-5++ MAXIM-DS17485E-5+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17485E-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com