Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS780330220DRVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS780330220DRVTG4
Description  150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS780330220DRVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS780330220DRVTG4 Datasheet HTML 2Page - Texas Instruments TPS780330220DRVTG4 Datasheet HTML 3Page - Texas Instruments TPS780330220DRVTG4 Datasheet HTML 4Page - Texas Instruments TPS780330220DRVTG4 Datasheet HTML 5Page - Texas Instruments TPS780330220DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS780330220DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS780330220DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS780330220DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS780330220DRVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
3
2
1
0
-1
-2
-3
T
J =+85°C
T
40
-
°
J =
C
T
J =+25°C
0
25
50
75
100
125
150
I
(mA)
OUT
1.5
1.0
0.5
0
-0.5
-1.0
T
J =+125°C
T
J =+25°C
T = 40
-
°
J
C
T
J =+85°C
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
3
2
1
0
-1
-2
-3
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
T =+85°
J
C
T = 40
-
°
J
C
T =+25°
J
C
2.2
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
T
J =+85°C
T
J =+25°C
T = 40
-
°
J
C
T
J =+125°C
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
T
J =+125°C
T = 40
-
°
J
C
T
J =+25°C
T
J =+85°C
TPS780
SBVS083E – JANUARY 2007 – REVISED JANUARY 2015
www.ti.com
6.6 Typical Characteristics
Over the operating temperature range of TJ = –40°C to 125°C, VIN = VOUT(nom) + 0.5 V or 2.2 V, whichever is greater; IOUT =
100
μA, VEN = VVSET = VIN, COUT = 1 μF, and CIN = 1 μF, unless otherwise noted.
IOUT = 5 mA
VOUT(nom) = 1.22 V
IOUT = 5 mA
VVSET = 1.2 V
VOUT(nom) = 2.2 V
Figure 1. TPS78001 Line Regulation
Figure 2. TPS780330220 Line Regulation
IOUT = 150 mA
VVSET = 1.2 V
VOUT(nom) = 2.2 V
IOUT = 5 mA
VVSET = 0.4 V
VOUT(nom) = 3.3 V
Figure 3. TPS780330220 Line Regulation
Figure 4. TPS780330220 Line Regulation
IOUT = 150 mA
VVSET = 0.4 V
VOUT(nom) = 3.3 V
VOUT(nom) = 3.3 V
Figure 5. TPS780330220 Line Regulation
Figure 6. TPS78001 Load Regulation
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS780


Similar Part No. - TPS780330220DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780330220DRVTG4 TI-TPS780330220DRVTG4 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780330220DRVTG4 TI-TPS780330220DRVTG4 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780330220DRVTG4 TI-TPS780330220DRVTG4 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS780330220DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com