Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78236DDCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78236DDCR
Description  500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78236DDCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS78236DDCR Datasheet HTML 5Page - Texas Instruments TPS78236DDCR Datasheet HTML 6Page - Texas Instruments TPS78236DDCR Datasheet HTML 7Page - Texas Instruments TPS78236DDCR Datasheet HTML 8Page - Texas Instruments TPS78236DDCR Datasheet HTML 9Page - Texas Instruments TPS78236DDCR Datasheet HTML 10Page - Texas Instruments TPS78236DDCR Datasheet HTML 11Page - Texas Instruments TPS78236DDCR Datasheet HTML 12Page - Texas Instruments TPS78236DDCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Time(1ms/div)
Load
Current
V
=5.5V
IN
V
=3.3V
OUT
I
=150mA
OUT
C
=10 F
m
OUT
V
IN
V
OUT
Enable
0V
Time(5ms/div)
Load
Current
V
=5.5V
IN
V
=3.3V
OUT
I
=0mAto10mA
OUT
C
=10 F
m
OUT
V
OUT
Enable
V
IN
0A
Time(1ms/div)
LoadCurrent
V
=5.50V
IN
V
=3.3V
OUT
I
=150mA
OUT
C
OUT =10mF
V
IN
V
OUT
Enable
0V
TPS782
www.ti.com
SBVS115D – AUGUST 2008 – REVISED JANUARY 2015
Typical Characteristics (continued)
Over the operating temperature range of TJ = –40°C to 125°C, VIN = VOUT(nom) + 0.5 V or 2.2 V, whichever is greater; IOUT
= 100
μA, VEN = VIN, COUT = 1 μF, and CIN = 1 μF, unless otherwise noted.
Figure 19. Load Transient Response, TPS78233
Figure 20. Enable Pin vs Output Voltage Response and
Output Current, TPS78233
Figure 21. Enable Pin vs Output Voltage Delay, TPS78233
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS782


Similar Part No. - TPS78236DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78236DDCR TI1-TPS78236DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78236DDCR TI1-TPS78236DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78236DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com