Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76715-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS76715-Q1
Description  Fast-Transient-Response 1-A Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76715-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS76715-Q1 Datasheet HTML 1Page - Texas Instruments TPS76715-Q1 Datasheet HTML 2Page - Texas Instruments TPS76715-Q1 Datasheet HTML 3Page - Texas Instruments TPS76715-Q1 Datasheet HTML 4Page - Texas Instruments TPS76715-Q1 Datasheet HTML 5Page - Texas Instruments TPS76715-Q1 Datasheet HTML 6Page - Texas Instruments TPS76715-Q1 Datasheet HTML 7Page - Texas Instruments TPS76715-Q1 Datasheet HTML 8Page - Texas Instruments TPS76715-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS767
www.ti.com
SLVS208J – MAY 1999 – REVISED AUGUST 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI
Input voltage range(2)
–0.3
13.5
V
Voltage range at EN
–0.3
VI + 0.3
V
Maximum RESET voltage
16.5
Peak output current
Internally limited
VO
Output voltage (OUT, FB)
7
V
Continuous total power dissipation
See Thermal Information
TJ
Operating junction temperature range
–40
125
°C
Tstg
Storage temperature range
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network terminal ground.
7.2 ESD Ratings
VALUE
UNIT
Electrostatic
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
V(ESD)
2000
V
discharge
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
(1)
Input voltage
2.7
10
V
VO
Output voltage range
1.2
5.5
V
IO
(2)
Output current
0
1.0
A
TJ
(2)
Operating junction temperature
–40
125
°C
(1)
Maximum VIN = VOUT + VDO or 2.7V, whichever is greater.
(2)
Continuous current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that the
device operate under conditions beyond those specified in this table for extended periods of time.
7.4 Thermal Information
TPS767xxQ
THERMAL METRIC(1)
PWP (HTSSOP)
D (SOIC)
UNIT
(20 PINS)
(8 PINS)
RθJA
Junction-to-ambient thermal resistance
35.8
106.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.1
52.5
°C/W
RθJB
Junction-to-board thermal resistance
8.7
47.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
9.0
°C/W
ψJB
Junction-to-board characterization parameter
8.6
47.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.6
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS76715-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76715-Q1 TI1-TPS76715-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76715-Q1 TI1-TPS76715-Q1 Datasheet
494Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROP OUT VOLTAGE REGULATORS
More results

Similar Description - TPS76715-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com