Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5162IS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5162IS
Description  300MHz Low Power Current Feedback Amplifiers with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5162IS Datasheet(HTML) 1 Page - Intersil Corporation

  EL5162IS Datasheet HTML 1Page - Intersil Corporation EL5162IS Datasheet HTML 2Page - Intersil Corporation EL5162IS Datasheet HTML 3Page - Intersil Corporation EL5162IS Datasheet HTML 4Page - Intersil Corporation EL5162IS Datasheet HTML 5Page - Intersil Corporation EL5162IS Datasheet HTML 6Page - Intersil Corporation EL5162IS Datasheet HTML 7Page - Intersil Corporation EL5162IS Datasheet HTML 8Page - Intersil Corporation EL5162IS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7388.7
EL5162, EL5163, EL5262, EL5263, EL5362
500MHz Low Power Current Feedback
Amplifiers with Enable
The EL5162, EL5163, EL5262, EL5263, and EL5362 are
current feedback amplifiers with a bandwidth of 500MHz.
This makes these amplifiers ideal for today’s high speed
video and monitor applications.
With a supply current of just 1.5mA and the ability to run
from a single supply voltage from 5V to 12V, these amplifiers
are also ideal for handheld, portable or battery-powered
equipment.
The EL5162 also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5162 is available in 6-pin SOT-23 and 8-pin SO
packages, the EL5163 in 5-pin SOT-23 and SC-70
packages, the EL5262 in the 10-pin MSOP package, the
EL5263 in 8-pin MSOP and SO packages, and the EL5362
in 16-pin SO (0.150”) and QSOP packages. All operate over
the industrial temperature range of -40°C to +85°C.
Features
• 500MHz -3dB bandwidth
• 4000V/µs slew rate
• 1.5mA supply current
• Single and dual supply operation, from 5V to 12V supply
span
• Fast enable/disable (EL5162, EL5262 & EL5362 only)
• Available in SOT-23 packages
• Pb-Free plus anneal available (RoHS compliant)
• High speed, 1.4GHz product available (EL5167 &
EL5167)
• High speed, 4mA, 630MHz product available (EL5164 &
EL5165)
Applications
• Battery-powered equipment
• Handheld, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Data Sheet
September 8, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5162IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162IS INTERSIL-EL5162IS Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162IS INTERSIL-EL5162IS Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162IS-T13 INTERSIL-EL5162IS-T13 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162IS-T13 INTERSIL-EL5162IS-T13 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162IS-T7 INTERSIL-EL5162IS-T7 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5162IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com