Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77625DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77625DRG4
Description  TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77625DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS77625DRG4 Datasheet HTML 1Page - Texas Instruments TPS77625DRG4 Datasheet HTML 2Page - Texas Instruments TPS77625DRG4 Datasheet HTML 3Page - Texas Instruments TPS77625DRG4 Datasheet HTML 4Page - Texas Instruments TPS77625DRG4 Datasheet HTML 5Page - Texas Instruments TPS77625DRG4 Datasheet HTML 6Page - Texas Instruments TPS77625DRG4 Datasheet HTML 7Page - Texas Instruments TPS77625DRG4 Datasheet HTML 8Page - Texas Instruments TPS77625DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
IN
IN
EN
GND
OUT
OUT
RESET/
PG
6
7
5
16
14
13
3
+
10 F
m
C
OUT
(1)
RESET/PG
V
OUT
V
IN
0.1 F
m
TPS775xx, TPS776xx
www.ti.com.............................................................................................................................................. SLVS232J – SEPTEMBER 1999 – REVISED MARCH 2009
TPS775xx with RESET Output, TPS776xx with PG Output
FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
23
• Open Drain Power-On Reset with 200ms Delay
The TPS775xx and TPS776xx devices are designed
(TPS775xx)
to have a fast transient response and be stable with a
10
µF low ESR capacitor. This combination provides
• Open Drain Power Good (TPS776xx)
high performance at a reasonable cost.
• 500mA Low-Dropout Voltage Regulator
Because the PMOS device behaves as a low-value
• Available in Fixed Output and Adjustable
resistor, the dropout voltage is very low (typically
Versions
169mV at an output current of 500mA for the
• Dropout Voltage to 169mV (Typ) at 500mA
TPS77x33) and is directly proportional to the output
(TPS77x33)
current. Additionally, since the PMOS pass element is
a voltage-driven device, the quiescent current is very
• Ultralow 85µA Typical Quiescent Current
low and independent of output loading (typically 85
µA
• Fast Transient Response
over the full range of output current, 0mA to 500mA).
• 2% Tolerance Over Specified Conditions for
These two key specifications yield a significant
Fixed-Output Versions
improvement in operating life for battery-powered
systems. This LDO family also features a sleep
• 8-Pin SOIC and 20-Pin TSSOP PowerPAD™
mode; applying a TTL high signal to EN (enable)
(PWP) Packages
shuts down the regulator, reducing the quiescent
• Thermal Shutdown Protection
current to 1
µA at T
J = +25°C.
The RESET output of the TPS775xx initiates a reset
in microcomputer and microprocessor systems in the
• FPGA Power
event of an undervoltage condition. An internal
• DSP Core and I/O Voltages
comparator in the TPS775xx monitors the output
voltage of the regulator to detect an undervoltage
Typical Application Circuit
condition on the regulated output voltage.
(Fixed Voltage Options)
Power good (PG) of the TPS776xx is an active high
output, which can be used to implement a power-on
reset or a low-battery indicator.
The TPS775xx and TPS776xx are offered in 1.5V,
1.6V (TPS77516 only), 1.8V, 2.5V, 2.8V (TPS77628
only), and 3.3V fixed-voltage versions and in an
adjustable version (programmable over the range of
1.5V to 5.5V for the TPS77501 and 1.2V to 5.5V for
the TPS77601). Output voltage tolerance is specified
as a maximum of 2% over line, load, and temperature
ranges. The TPS775xx and TPS776xx families are
available in 8-pin SOIC and 20-pin TSSOP packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS77625DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77625DRG4 TI-TPS77625DRG4 Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77625DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77625 TI-TPS77625_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601 TI-TPS77601_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77615 TI-TPS77615_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com