Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5162IS-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5162IS-T7
Description  300MHz Low Power Current Feedback Amplifiers with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5162IS-T7 Datasheet(HTML) 7 Page - Intersil Corporation

  EL5162IS-T7 Datasheet HTML 1Page - Intersil Corporation EL5162IS-T7 Datasheet HTML 2Page - Intersil Corporation EL5162IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5162IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5162IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5162IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5162IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5162IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5162IS-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN7388.7
September 8, 2005
FIGURE 7. CLOSED LOOP OUTPUT IMPEDANCE
FIGURE 8. EL5262 OUTPUT RISE TIME
FIGURE 9. EL5262 OUTPUT FALL TIME
FIGURE 10. TURN ON TIME
FIGURE 11. TURN OFF TIME
FIGURE 12. PSRR (VCC)
Typical Performance Curves (Continued)
10K
FREQUENCY (Hz)
1M
10M
100M
1
0.1
10
100K
VCC = +5V
VEE = -5V
AV = +2
100
4ns/DIV
INPUT RISE TIME
1.028ns
OUTPUT RISE
TIME 2.218ns
VCC = +5V
VEE = -5V
AV = +2
RL = 150Ω
2V/DIV
1V/DIV
4ns/DIV
INPUT FALL
TIME 1.036ns
OUTPUT FALL
TIME 2.21ns
VCC = +5V
VEE = -5V
AV = +2
RL = 150Ω
2V/DIV
1V/DIV
CH 1
CH 2
100ns/DIV
CH 1 = 5V
CH 2 = 200mV
M = 100ns
CH 1
CH 2
100ns/DIV
CH 1 = 5V
CH 2 = 200mV
M = 100ns
-30
-20
100
1K
10K
FREQUENCY (Hz)
-50
-60
-70
-80
-40
-10
-90
100K
1M
10M
100M
0
VCC = +5V
VEE = -5V
AV = +2
RL = 150Ω
-100
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5162IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162IS-T7 INTERSIL-EL5162IS-T7 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162IS-T7 INTERSIL-EL5162IS-T7 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5162IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com