Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPB-1CC-2B1W Datasheet(PDF) 3 Page - Copal Electronics

Part # CFPB-1CC-2B1W
Description  Illuminated Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFPB-1CC-2B1W Datasheet(HTML) 3 Page - Copal Electronics

  CFPB-1CC-2B1W Datasheet HTML 1Page - Copal Electronics CFPB-1CC-2B1W Datasheet HTML 2Page - Copal Electronics CFPB-1CC-2B1W Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■LED SpeciÄcation
Item
Symbol
Absolute Maximum Rating※1
Code
Red
Orange Green
Yellow
Power Dissipation
Pd
75
70
70
85
m
W
Forward Curent
IF
30
25
25
30
m
A
Forward Voltage
VF
2.8
2.8
2.8
2.8
V
Puls Forward Current※2
IFRM
75
60
60
75
m
A
Current Derating
(Ta≦25℃)
IF
0.40
0.33
0.33
0.40
m
A/
Reverse Voltage
VR
4444
V
CFPB
■Table of Part Numbers
※1. Absolute Maximum Rating is the limit value that must
not be exceeded even momentarily. Be sure to consider
the safety margin for designing the circuit.
※2. Measurement conditions of IFRM
Pulse width <= 1 ms; Duty ratio <= 1/20.
※3. The above ratings are specified at ambient
temperature Ta = 25
℃.
□ 6mm Sq.
Part No.
LED color
Button color
 CFPB-1CC-1W6W
Non-illuminated
White
 CFPB-1CC-1R6W
Non-illuminated
Red
☆CFPB-1CC-1G6W
Non-illuminated
Green
☆CFPB-1CC-1Y6W
Non-illuminated
Yellow
☆CFPB-1CC-1B6W
Non-illuminated
Blue
☆CFPB-1CC-1O6W
Non-illuminated
Orange
 CFPB-1CC-2R6W
Red
Red
☆CFPB-1CC-3O6W
Orange
Orange
 CFPB-1CC-4W6W
Yellow
White
☆CFPB-1CC-5G6W
Green
Green
☆CFPB-1CC-5Y6W
Green
Yellow
☆CFPB-1CC-5B6W
Green
Blue
□ 11mm Sq.
Part No.
LED color
Button color
 CFPB-1CC-1W1W
Non-illuminated
White
 CFPB-1CC-1R1W
Non-illuminated
Red
☆CFPB-1CC-1G1W
Non-illuminated
Green
☆CFPB-1CC-1Y1W
Non-illuminated
Yellow
☆CFPB-1CC-1B1W
Non-illuminated
Blue
☆CFPB-1CC-1O1W
Non-illuminated
Orange
 CFPB-1CC-2R1W
Red
Red
☆CFPB-1CC-3O1W
Orange
Orange
 CFPB-1CC-4W1W
Yellow
White
☆CFPB-1CC-5G1W
Green
Green
☆CFPB-1CC-5Y1W
Green
Yellow
☆CFPB-1CC-5B1W
Green
Blue
□ 9mm Sq.
Part No.
LED color
Button color
 CFPB-1CC-1W9W
Non-illuminated
White
 CFPB-1CC-1R9W
Non-illuminated
Red
☆CFPB-1CC-1G9W
Non-illuminated
Green
☆CFPB-1CC-1Y9W
Non-illuminated
Yellow
☆CFPB-1CC-1B9W
Non-illuminated
Blue
☆CFPB-1CC-1O9W
Non-illuminated
Orange
 CFPB-1CC-2R9W
Red
Red
☆CFPB-1CC-3O9W
Orange
Orange
 CFPB-1CC-4W9W
Yellow
White
☆CFPB-1CC-5G9W
Green
Green
☆CFPB-1CC-5Y9W
Green
Yellow
☆CFPB-1CC-5B9W
Green
Blue
□ 12mm Sq.
Part No.
LED color
Button color
 CFPB-1CC-1W2W
Non-illuminated
White
 CFPB-1CC-1R2W
Non-illuminated
Red
☆CFPB-1CC-1G2W
Non-illuminated
Green
☆CFPB-1CC-1Y2W
Non-illuminated
Yellow
☆CFPB-1CC-1B2W
Non-illuminated
Blue
☆CFPB-1CC-1O2W
Non-illuminated
Orange
 CFPB-1CC-2R2W
Red
Red
☆CFPB-1CC-3O2W
Orange
Orange
 CFPB-1CC-4W2W
Yellow
White
☆CFPB-1CC-5G2W
Green
Green
☆CFPB-1CC-5Y2W
Green
Yellow
☆CFPB-1CC-5B2W
Green
Blue
Packaging SpeciÄcations
50pcs/Tray
□6、□9
6mm/9mm Sq.
□11、□12
11mm/12mm Sq.
☆:Semi-standard product.


Similar Part No. - CFPB-1CC-2B1W

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0201TB COPAL-CFP-0201TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0202TB COPAL-CFP-0202TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0211TB COPAL-CFP-0211TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0212TB COPAL-CFP-0212TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
More results

Similar Description - CFPB-1CC-2B1W

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com