Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77633DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77633DR
Description  TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77633DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS77633DR Datasheet HTML 2Page - Texas Instruments TPS77633DR Datasheet HTML 3Page - Texas Instruments TPS77633DR Datasheet HTML 4Page - Texas Instruments TPS77633DR Datasheet HTML 5Page - Texas Instruments TPS77633DR Datasheet HTML 6Page - Texas Instruments TPS77633DR Datasheet HTML 7Page - Texas Instruments TPS77633DR Datasheet HTML 8Page - Texas Instruments TPS77633DR Datasheet HTML 9Page - Texas Instruments TPS77633DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
t
t
V
res
(1)
V
IN
Threshold
Voltage
V
OUT
V
IT+
(2)
RESET
Output
200msDelay
200msDelay
Output
Undefined
V
IT+
(2)
V
IT-
(2)
Lessthan5%ofthe
outputvoltage
V
IT-
(2)
t
Output
Undefined
V
res
(1)
TYPICAL CHARACTERISTICS
TPS775xx, TPS776xx
SLVS232J – SEPTEMBER 1999 – REVISED MARCH 2009.............................................................................................................................................. www.ti.com
TPS775xx RESET Timing Diagram
(1)
Vres is the minimum input voltage for a valid RESET. The symbol Vres is not currently listed within EIA or JEDEC
standards for semiconductor symbology.
(2)
VIT: Trip voltage is typically 5% lower than the output voltage (95% VOUT). VIT– to VIT+ is the hysteresis voltage.
Table of Graphs
FIGURE NO.
vs Output Current
Figure 3, Figure 4, Figure 5
VOUT
Output Voltage
vs Free-Air Temperature
Figure 6, Figure 7, Figure 8
vs Time
Figure 20
IGND
Ground Current
vs Free-Air Temperature
Figure 9
PSRR
Power-Supply Ripple Rejection
vs Frequency
Figure 10
Output Spectral Noise Density
vs Frequency
Figure 11
ZOUT
Output Impedance
vs Frequency
Figure 12
vs Input Voltage
Figure 13
VDO
Dropout Voltage
vs Free-Air Temperature
Figure 14
VIN
Input Voltage (Min)
vs Output Voltage
Figure 15
LINE
Line Transient Response
Figure 16, Figure 18
LOAD
Load Transient Response
Figure 17, Figure 19
ESR
Equivalent Series Resistance
vs Output Current
Figure 22, Figure 23
6
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated


Similar Part No. - TPS77633DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77633DR TI-TPS77633DR Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77633DRG4 TI-TPS77633DRG4 Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77633DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77625 TI-TPS77625_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601 TI-TPS77601_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77615 TI-TPS77615_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com