Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77633PWPG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS77633PWPG4
Description  TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77633PWPG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS77633PWPG4 Datasheet HTML 3Page - Texas Instruments TPS77633PWPG4 Datasheet HTML 4Page - Texas Instruments TPS77633PWPG4 Datasheet HTML 5Page - Texas Instruments TPS77633PWPG4 Datasheet HTML 6Page - Texas Instruments TPS77633PWPG4 Datasheet HTML 7Page - Texas Instruments TPS77633PWPG4 Datasheet HTML 8Page - Texas Instruments TPS77633PWPG4 Datasheet HTML 9Page - Texas Instruments TPS77633PWPG4 Datasheet HTML 10Page - Texas Instruments TPS77633PWPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TYPICAL CHARACTERISTICS
3.2830
3.2815
3.2800
3.2825
3.2820
3.2810
3.2835
3.2805
V
=4.3V
T =+25 C
IN
A
°
0.2
0.3
0.4
0.5
0.0
0.1
I
OUT -
-
OutputCurrent
A
1.4980
1.4965
1.4950
1.4975
1.4970
1.4960
1.4985
1.4955
V
=2.7V
T =+25 C
IN
A
°
0.2
0.3
0.4
0.5
0.0
0.1
I
OUT -
-
OutputCurrent
A
2.4955
2.4940
2.4920
2.4950
2.4945
2.4935
2.4960
2.4930
2.4925
V
=3.5V
T =+25 C
IN
A
°
0.2
0.3
0.4
0.5
0.0
0.1
I
OUT -
-
OutputCurrent
A
3.31
3.28
3.25
-40
0
3.30
3.29
3.27
-20
100
140
3.32
-60
120
3.26
20
40
60
80
T
A -
-
Free-AirTemperature
C
°
V
=4.3V
IN
I
=500mA
OUT
I
=1mA
OUT
TPS775xx, TPS776xx
www.ti.com.............................................................................................................................................. SLVS232J – SEPTEMBER 1999 – REVISED MARCH 2009
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
TPS77x33
TPS77x15
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs OUTPUT CURRENT
vs OUTPUT CURRENT
Figure 3.
Figure 4.
TPS77x25
TPS77x33
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs OUTPUT CURRENT
vs FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS77633PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77633PWPG4 TI-TPS77633PWPG4 Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77633PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77625 TI-TPS77625_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601 TI-TPS77601_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77615 TI-TPS77615_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com