Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54418ARTER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54418ARTER
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54418ARTER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54418ARTER Datasheet HTML 6Page - Texas Instruments TPS54418ARTER Datasheet HTML 7Page - Texas Instruments TPS54418ARTER Datasheet HTML 8Page - Texas Instruments TPS54418ARTER Datasheet HTML 9Page - Texas Instruments TPS54418ARTER Datasheet HTML 10Page - Texas Instruments TPS54418ARTER Datasheet HTML 11Page - Texas Instruments TPS54418ARTER Datasheet HTML 12Page - Texas Instruments TPS54418ARTER Datasheet HTML 13Page - Texas Instruments TPS54418ARTER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
-50
-25
0
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
±3 Sigma
Typical
+3 Sigma
Junction Temperature (°C)
88
90
92
94
96
98
100
102
104
106
108
110
VsenseRising,V
=3.3V
IN
VsenseRising
VsenseFalling
VsenseFalling
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
300
310
320
330
340
350
360
370
380
390
400
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =25°C
J
10
TPS54418A
SLVSC75A – AUGUST 2013 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS54418A
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. Supply Current vs Input Voltage
Figure 20. PWRGD Threshold vs Junction Temperature
Figure 21. PWRGD On Resistance vs Junction Temperature
Figure 22. Comp Voltage Clamp vs Junction Temperature


Similar Part No. - TPS54418ARTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI1-TPS54418 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54418RTE TI-TPS54418RTE Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
More results

Similar Description - TPS54418ARTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com