Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF-LA-1KZ2-2C Datasheet(PDF) 3 Page - Copal Electronics

Part # CF-LA-1KZ2-2C
Description  High In-Rush Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-LA-1KZ2-2C Datasheet(HTML) 3 Page - Copal Electronics

  CF-LA-1KZ2-2C Datasheet HTML 1Page - Copal Electronics CF-LA-1KZ2-2C Datasheet HTML 2Page - Copal Electronics CF-LA-1KZ2-2C Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■List part numbers
Number of poles Switching function
Terminal style
Rocker design
Pieces in package
Packaging spec
No marking
1 Pole
ON
−OFF
PC Straight
CF­LA­1AC­1C
CF­LA­1AC­2C
CF­LA­1AC­3C
100pcs./pack
Card board Tray
PC-R/A
CF­LA­1AC4­1C CF­LA­1AC4­2C CF­LA­1AC4­3C
Solder Terminals
CF­LA­1AL­1C
CF­LA­1AL­2C
CF­LA­1AL­3C
Tab:
#250
CF­LA­1AZ2­1C CF­LA­1AZ2­2C CF­LA­1AZ2­3C
2 Poles
ON
−OFF
PC Straight
CF­LA­2KC­1C
CF­LA­2KC­2C
CF­LA­2KC­3C
PC-R/A
CF­LA­2KC4­1C CF­LA­2KC4­2C CF­LA­2KC4­3C
PC-L/A
CF­LA­2KC5­1C CF­LA­2KC5­2C CF­LA­2KC5­3C
Solder Terminals
CF­LA­2KL­1C
CF­LA­2KL­2C
CF­LA­2KL­3C
Tab:
#250
CF­LA­2KZ2­1C CF­LA­2KZ2­2C CF­LA­2KZ2­3C
1 Pole
ON
−OFF
PC Straight
CF­LA­1AC­1
CF­LA­1AC­2
CF­LA­1AC­3
5pcs./pack
Plastic bags
PC-R/A
CF­LA­1AC4­1
CF­LA­1AC4­2
CF­LA­1AC4­3
Solder Terminals
CF­LA­1AL­1
CF­LA­1AL­2
CF­LA­1AL­3
Tab:
#250
CF­LA­1AZ2­1
CF­LA­1AZ2­2
CF­LA­1AZ2­3
2 Poles
ON
−OFF
PC Straight
CF­LA­2KC­1
CF­LA­2KC­2
CF­LA­2KC­3
PC-R/A
CF­LA­2KC4­1
CF­LA­2KC4­2
CF­LA­2KC4­3
PC-L/A
CF­LA­2KC5­1
CF­LA­2KC5­2
CF­LA­2KC5­3
Solder Terminals
CF­LA­2KL­1
CF­LA­2KL­2
CF­LA­2KL­3
Tab:
#250
CF­LA­2KZ2­1
CF­LA­2KZ2­2
CF­LA­2KZ2­3
Number of poles Switching function
Terminal style
Rocker design
Pieces in package
Packaging spec
− ­○− ○
ON
 OFF
1 Pole
ON
−OFF
PC Straight
CF­LA­1AC­4C
CF­LA­1AC­5C
CF­LA­1AC­6C
100pcs./pack
Card board Tray
PC-R/A
CF­LA­1AC4­4C CF­LA­1AC4­5C CF­LA­1AC4­6C
Solder Terminals
CF­LA­1AL­4C
CF­LA­1AL­5C
CF­LA­1AL­6C
Tab:
#250
CF­LA­1AZ2­4C CF­LA­1AZ2­5C CF­LA­1AZ2­6C
2 Poles
ON
−OFF
PC Straight
CF­LA­2KC­4C
CF­LA­2KC­5C
CF­LA­2KC­6C
PC-R/A
CF­LA­2KC4­4C CF­LA­2KC4­5C CF­LA­2KC4­6C
PC-L/A
CF­LA­2KC5­4C CF­LA­2KC5­5C CF­LA­2KC5­6C
Solder Terminals
CF­LA­2KL­4C
CF­LA­2KL­5C
CF­LA­2KL­6C
Tab:
#250
CF­LA­2KZ2­4C CF­LA­2KZ2­5C CF­LA­2KZ2­6C
1 Pole
ON
−OFF
PC Straight
CF­LA­1AC­4
CF­LA­1AC­5
CF­LA­1AC­6
5pcs./pack
Plastic bags
PC-R/A
CF­LA­1AC4­4
CF­LA­1AC4­5
CF­LA­1AC4­6
Solder Terminals
CF­LA­1AL­4
CF­LA­1AL­5
CF­LA­1AL­6
Tab:
#250
CF­LA­1AZ2­4
CF­LA­1AZ2­5
CF­LA­1AZ2­6
2 Poles
ON
−OFF
PC Straight
CF­LA­2KC­4
CF­LA­2KC­5
CF­LA­2KC­6
PC-R/A
CF­LA­2KC4­4
CF­LA­2KC4­5
CF­LA­2KC4­6
PC-L/A
CF­LA­2KC5­4
CF­LA­2KC5­5
CF­LA­2KC5­6
Solder Terminals
CF­LA­2KL­4
CF­LA­2KL­5
CF­LA­2KL­6
Tab:
#250
CF­LA­2KZ2­4
CF­LA­2KZ2­5
CF­LA­2KZ2­6
■:VSKLYPUN :WLJPÄJH[PVUZ
(1)
Auto Soldering
Device : Jet wave type or dip type
260
℃ .; 5-6 seconds, Max.
●Pre-heating should be done at temperatures ranging from 80℃ to 150℃ and within 2 or 3 minutes
 The auto soldering is applicable to the PC terminals only.
■7HJRPUN :WLJPÄJH[PVU
Card board Tray(100pcs.
/ pack)
(2)
Manual Soldering
Device : Soldering iron
380
℃, Max.; 3 seconds, Max.
Product
Plastic bags
Part No. label
Card board Tray
60
60
70
Plastic bags
(5pcs. / pack)


Similar Part No. - CF-LA-1KZ2-2C

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CF-LD COPAL-CF-LD Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD-1DC-AG2 COPAL-CF-LD-1DC-AG2 Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD-1DC-AG2 COPAL-CF-LD-1DC-AG2 Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD-1DC-AG2W COPAL-CF-LD-1DC-AG2W Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD-1DC-AG2W COPAL-CF-LD-1DC-AG2W Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
More results

Similar Description - CF-LA-1KZ2-2C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
ITT Industries
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
   Rocker Switches
9 Oct 2019
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
   ROCKER SWITCHES
RA1066 E-SWITCH-RA1066 Datasheet
863Kb / 2P
   ROCKER SWITCHES
logo
NTE Electronics
54-870 NTE-54-870 Datasheet
3Mb / 4P
   Rocker Switches
logo
List of Unclassifed Man...
R2401C2NBB ETC2-R2401C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com