Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65266-1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65266-1
Description  2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65266-1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65266-1 Datasheet HTML 3Page - Texas Instruments TPS65266-1 Datasheet HTML 4Page - Texas Instruments TPS65266-1 Datasheet HTML 5Page - Texas Instruments TPS65266-1 Datasheet HTML 6Page - Texas Instruments TPS65266-1 Datasheet HTML 7Page - Texas Instruments TPS65266-1 Datasheet HTML 8Page - Texas Instruments TPS65266-1 Datasheet HTML 9Page - Texas Instruments TPS65266-1 Datasheet HTML 10Page - Texas Instruments TPS65266-1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
TPS65266-1
www.ti.com
SLVSDA6 – OCTOBER 2016
Product Folder Links: TPS65266-1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –30°C to 125°C, VIN= 5 V, typical values are at TJ = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
FSW
Switching frequency
R(OSC) = 51.1 kΩ
920
1000
1080
kHz
FSW(range)
Switching frequency
250
2400
kHz
F(SYNC)
Clock sync frequency range
250
2400
kHz
F(SYNC_HI)
Clock sync high threshold
2
V
V(SYNC_LO)
Clock sync low threshold
0.4
V
THERMAL PROTECTION
T(TRIP_OTP)
(1)
Thermal protection trip point
Temperature rising
160
°C
T(HYST_OTP)
(1)
Hysteresis
20
°C
(1)
Lab validation result
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
BUCK1, BUCK2, BUCK3
tON_MIN
Minimum on-time
80
115
ns
Gm_EA
Error amplifier transconductance
–2 µA < I(COMPX) < 2 µA
290
µS
HICCUP TIMING
tHiccup_wait
Overcurrent wait time(1)
512
cycles
tHiccup_re
Hiccup time before restart(1)
16382
cycles
POWER GOOD
tDEGLITCH(PG)_F
PGOOD falling edge deglitch time
128
cycles
tRDEGLITCH(PG)_R PGOOD rising edge deglitch time
16350
cycles
OSCILLATOR
tSYNC_w
Clock sync minimum pulse duration
80
ns


Similar Part No. - TPS65266-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RHBR TI1-TPS65266-1RHBR Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RHBT TI1-TPS65266-1RHBT Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65266-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com