Electronic Components Datasheet Search |
|
CFT2-1SC4-AW Datasheet(PDF) 1 Page - Copal Electronics |
|
CFT2-1SC4-AW Datasheet(HTML) 1 Page - Copal Electronics |
1 / 3 page CFT2 Ultra-Miniature Toggle Switch RoHS Compliant ■ :WLJPÄJH[PVUZ Rating Max. 28VDC 0.4VA max. Min. 1 μ A 20mVDC Initial contact resistance 100m Ω max. (1.5mA 200μVAC) Dielectric strength 250VAC 1 minute Insulation resistance 500M Ω min. (250VDC) Electrical life 10,000 cycles at max. rating. 50,000 cycles at min. rating. (D.E.N.P type) 30,000 cycles at min. rating. (F.G.H.R.S.T type) Mechanical life D.E.N.P type 50,000 cycles F.G.H.R.S.T type 30,000 cycles Operating temperature range −40℃∼+85℃ Storage temperature range −40℃∼+85℃ ■Part Numbering (ON) :Momentary. Series Actuator ON ー ON ONーOFF ー ON ON ー (ON) (ON)ーOFFー(ON) ONーOFFー(ON) Terminal style N P R S T Toggle 1 pole C C4 C6 T PC Straight Right angle Vertical mounting 2 poles CFT2 − 2 N C 4 − A W Number of poles Switching function Standard A Actuator shape Packaging spec Number of poles Terminal style Type 1 2 Fig. Fig. 2 poles D E F G H 1 pole Code Switching function Code Actuator shape Tray W Code Packaging spec Terminal style of c(Style:PC Terminal) Terminal style of c4(Style:R/A Terminal) c4 Terminal style of c6(Style:V/M Terminal) ■;LYTPUHS7PUZ!:[YHPNO[ ■ (J[\H[VY*VSVY!.YH` Washable ■-LH[\YLZ 1. Ultra-miniature toggle switch for high density mounting. 2. Washable. 3. Terminal pin pitch: 2.54 mm. 4. Independent detent mechanism ensures light operational feel. 5. Clip contact mechanism for long-term contact reliability. 6. Gold-plated contacts. |
Similar Part No. - CFT2-1SC4-AW |
|
Similar Description - CFT2-1SC4-AW |