Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS775 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS775
Description  TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS775 Datasheet(HTML) 5 Page - Texas Instruments

  TPS775 Datasheet HTML 1Page - Texas Instruments TPS775 Datasheet HTML 2Page - Texas Instruments TPS775 Datasheet HTML 3Page - Texas Instruments TPS775 Datasheet HTML 4Page - Texas Instruments TPS775 Datasheet HTML 5Page - Texas Instruments TPS775 Datasheet HTML 6Page - Texas Instruments TPS775 Datasheet HTML 7Page - Texas Instruments TPS775 Datasheet HTML 8Page - Texas Instruments TPS775 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
GND
EN
IN
IN
FB/NC
OUT
OUT
RESET/PG
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND/HSINK
GND/HSINK
NC
NC
FB/NC
OUT
OUT
GND/HSINK
GND/HSINK
GND/HSINK
GND/HSINK
GND
NC
EN
IN
IN
NC
GND/HSINK
GND/HSINK
RESET/PG
TPS775xx, TPS776xx
www.ti.com.............................................................................................................................................. SLVS232J – SEPTEMBER 1999 – REVISED MARCH 2009
TSSOP-20
SOIC-8
PWP
D
(TOP VIEW)
(TOP VIEW)
Table 1. PIN DESCRIPTIONS
TPS775xx, TPS776xx
TSSOP-20
SOIC-8 (D)
(PWP)
NAME
PIN NO.
PIN NO.
DESCRIPTION
EN
2
5
Negative polarity enable (EN) input
Adjustable voltage version only; feedback voltage for setting output voltage of the device.
FB
7
15
Not internally connected on adjustable versions.
1, 2, 3, 9, 10,
GND
1
11, 12, 19,
Ground
20
IN
3, 4
6, 7
Input voltage
OUT
5, 6
13, 14
Regulated output voltage
RESET
8
16
TPS775xx devices only; open-drain RESET output.
PG
8
16
TPS776xx devices only; open-drain power-good (PG) output.
NC
4, 8, 17, 18
No internal connection
PAD/TAB
Should be soldered to ground plane and used for heat sinking.
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS775

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS775-Q1 TI1-TPS775-Q1 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI1-TPS77501 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI1-TPS77501 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS775

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77625 TI-TPS77625_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601 TI-TPS77601_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77615 TI-TPS77615_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com