Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS-10B1 Datasheet(PDF) 3 Page - Copal Electronics

Part # CHS-10B1
Description  SLIDE SWITCHES (HALF PITCH)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHS-10B1 Datasheet(HTML) 3 Page - Copal Electronics

  CHS-10B1 Datasheet HTML 1Page - Copal Electronics CHS-10B1 Datasheet HTML 2Page - Copal Electronics CHS-10B1 Datasheet HTML 3Page - Copal Electronics CHS-10B1 Datasheet HTML 4Page - Copal Electronics CHS-10B1 Datasheet HTML 5Page - Copal Electronics CHS-10B1 Datasheet HTML 6Page - Copal Electronics CHS-10B1 Datasheet HTML 7Page - Copal Electronics CHS-10B1 Datasheet HTML 8Page - Copal Electronics CHS-10B1 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CHS
SLIDE SWITCHES (HALF PITCH)
STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Washable type available with seal tape
Approx. 0.05 g (CHS-01) Approx. 0.08 g (CHS-02)
Approx. 0.12 g (CHS-04) Approx. 0.17 g (CHS-06)
Approx. 0.22 g (CHS-08) Approx. 0.25 g (CHS-10)
Operating force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
0.5 ~ 5 N {0.05 ~ 0.51 kgf}
10 N {1.02 kgf}, 60 s
245
± 3 °C, 2 ~ 3 s
Reflow
:255 °C (Peak temperature)
(Please refer to the profile below)
Manual soldering
:350
± 10 °C, 3 ~ 4 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
MECHANICAL CHARACTERISTICS
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC6 V, 100 mA DC24 V, 25 mA
DC20 mV 1
μA
50 m
Ω maximum
1000 M
Ω (DC100 V) minimum
AC500 V, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude 1.5 mm or Acceleration 98 m/s
2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms
6 directions for 3 times each
Continuous load 2000 cycles,
DC6
± 0.5 V, 100 ± 10 mA
−10 ~ 65 °C, Relative humidity 0 ~ 96 %,
24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
ELECTRICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
Reflow profile for soldering heat evaluation
リフロー回数:2回 Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0


Similar Part No. - CHS-10B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHS-10B1 ETC1-CHS-10B1 Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
More results

Similar Description - CHS-10B1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com