Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF1963TE Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLF1963TE
Description  Low Dropout Linear Voltage Post Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF1963TE Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLF1963TE Datasheet HTML 7Page - Infineon Technologies AG TLF1963TE Datasheet HTML 8Page - Infineon Technologies AG TLF1963TE Datasheet HTML 9Page - Infineon Technologies AG TLF1963TE Datasheet HTML 10Page - Infineon Technologies AG TLF1963TE Datasheet HTML 11Page - Infineon Technologies AG TLF1963TE Datasheet HTML 12Page - Infineon Technologies AG TLF1963TE Datasheet HTML 13Page - Infineon Technologies AG TLF1963TE Datasheet HTML 14Page - Infineon Technologies AG TLF1963TE Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLF1963
Electrical Characteristics
Data Sheet
11
Rev. 1.0, 2012-11-08
5.2
Typical Performance Characteristics
Dropout Voltage
V
DR versus
Output Current
I
Q
Guaranteed Dropout Voltage
V
dr versus
Output Current
I
Q
Dropout Voltage
V
dr versus
Temperature
T
j
Quiescent Current
I
q versus
Temperature
T
j
0
0.5
1
1.5
0
50
100
150
200
250
300
350
400
450
500
550
I
Q
[A]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 125
°C
T
j
= 150
°C
0
0.5
1
1.5
0
50
100
150
200
250
300
350
400
450
500
550
I
Q
[A]
Δ : Testpoint
T
j
= 25
°C
T
j
= 150
°C
−50
0
50
100
150
0
50
100
150
200
250
300
350
400
450
500
550
T
j
[
°C]
I
Q
= 100 mA
I
Q
= 500 mA
I
Q
= 1.5 A
−50
0
50
100
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T
j
[
°C]
V
I
= 6 V
I
Q
= 0 mA .
V
EN
= V
I


Similar Part No. - TLF1963TE

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TLF10UAH1230R5 TAIYO-YUDEN-TLF10UAH1230R5 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF10UAH8720R7 TAIYO-YUDEN-TLF10UAH8720R7 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF10UAH9920R6 TAIYO-YUDEN-TLF10UAH9920R6 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
logo
Infineon Technologies A...
TLF11251LD INFINEON-TLF11251LD Datasheet
2Mb / 25P
   OPTIREG™ PMIC TLF11251LD 2.5 A half bridge with integrated driver and level shifter
Rev. 1.02 2021-02-05
logo
RFE international
TLF1306-101Y RFE-TLF1306-101Y Datasheet
165Kb / 2P
   SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
More results

Similar Description - TLF1963TE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com