Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS-4316WA Datasheet(PDF) 8 Page - Copal Electronics

Part # CMS-4316WA
Description  SLIDE SWITCHES (SMD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-4316WA Datasheet(HTML) 8 Page - Copal Electronics

Back Button CMS-4316WA Datasheet HTML 4Page - Copal Electronics CMS-4316WA Datasheet HTML 5Page - Copal Electronics CMS-4316WA Datasheet HTML 6Page - Copal Electronics CMS-4316WA Datasheet HTML 7Page - Copal Electronics CMS-4316WA Datasheet HTML 8Page - Copal Electronics CMS-4316WA Datasheet HTML 9Page - Copal Electronics CMS-4316WA Datasheet HTML 10Page - Copal Electronics CMS-4316WA Datasheet HTML 11Page - Copal Electronics CMS-4316WA Datasheet HTML 12Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CMS
SLIDE SWITCHES (SMD)
O CMS-4216C
17.8
2
2
2
C
Schematic
C
C
C
22 2
6
0.6
5
6
1
5.2
0.3
0.2
Terminal No.1
Travel
①②③
④ ⑤⑥
⑦⑧⑨
⑩ ⑪⑫
Production date code
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
SIZE OF P.C.B. PROCESSING
(Unit : mm)
O CMS-22□□C
O CMS-23□□C
O CMS-24□□C
O CMS-42□□C
3
1
0
φ 1.2
2 2.2
φ 0.8
6 –
CMS housing
4
2
0
φ 1.2
2 2.2
φ 0.8
8 –
CMS housing
31
2
0
φ 1.2
22 2.2
φ 0.8
10 –
CMS housing
6
2
2
0
φ 1.2
2
2
1.7
φ 0.8
12 –


Similar Part No. - CMS-4316WA

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-402008-18SP CUI-CMS-402008-18SP Datasheet
429Kb / 5P
   SPEAKER
logo
CUI Devices
CMS-402008-18SP CUID-CMS-402008-18SP Datasheet
416Kb / 5P
   SPEAKER
08/05/2022
logo
CUI INC
CMS-40208N CUI-CMS-40208N Datasheet
389Kb / 4P
   650 Hz resonant frequency
logo
CUI Devices
CMS-40208N CUID-CMS-40208N Datasheet
346Kb / 4P
   SPEAKER
08/05/2022
CMS-4021-34SP-X5 CUID-CMS-4021-34SP-X5 Datasheet
436Kb / 5P
   SPEAKER
03/22/2023
More results

Similar Description - CMS-4316WA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS COPAL-CJS Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1201TB1 ETC2-CJS-1201TB1 Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com