Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX4949SJ Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IFX4949SJ
Description  5V Low Drop Out Linear Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX4949SJ Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IFX4949SJ Datasheet HTML 3Page - Infineon Technologies AG IFX4949SJ Datasheet HTML 4Page - Infineon Technologies AG IFX4949SJ Datasheet HTML 5Page - Infineon Technologies AG IFX4949SJ Datasheet HTML 6Page - Infineon Technologies AG IFX4949SJ Datasheet HTML 7Page - Infineon Technologies AG IFX4949SJ Datasheet HTML 8Page - Infineon Technologies AG IFX4949SJ Datasheet HTML 9Page - Infineon Technologies AG IFX4949SJ Datasheet HTML 10Page - Infineon Technologies AG IFX4949SJ Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IFX4949
General Product Characteristics
Data Sheet
7
Rev. 1.0, 2012-05-07
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 1
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Input Voltage Range for Normal
Operation
V
IN
5.5
28
V
4.2.2
Extended Input Voltage Range
V
IN
3.5
40
V
1) 2)
1) The output voltage will follow the input voltage for input voltages below
V
OUT + VDR, i.e device is in tracking mode until
V
OUT + VDR is reached.
2) Input voltages ranging from > 28 V up to 40 V may only be applied for transient periods
t
TR < 1s.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
IFX4949SJ (PG-DSO-8)
4.3.3
Junction to Soldering Point1)
1) Not subject to production test, specified by design.
R
thJSP
–71
K/W
4.3.4
Junction to Ambient1)
R
thJA
116
K/W
2)
2)
Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
4.3.5
172
K/W
Footprint only3)
3)
Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
4.3.6
145
K/W
300 mm2 heatsink
area on PCB3)
4.3.7
139
K/W
600 mm2 heatsink
area on PCB3)
Thermal Shutdown
4.3.8
Junction Temperature
T
JSD
165
°C
1)


Similar Part No. - IFX4949SJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
   High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
IFX1051 INFINEON-IFX1051 Datasheet
992Kb / 30P
   Industrial High Speed CAN-FD Transceiver
Rev. 1.0 2017-03-15
More results

Similar Description - IFX4949SJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
   Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com