Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70802PWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70802PWP
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70802PWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS70802PWP Datasheet HTML 1Page - Texas Instruments TPS70802PWP Datasheet HTML 2Page - Texas Instruments TPS70802PWP Datasheet HTML 3Page - Texas Instruments TPS70802PWP Datasheet HTML 4Page - Texas Instruments TPS70802PWP Datasheet HTML 5Page - Texas Instruments TPS70802PWP Datasheet HTML 6Page - Texas Instruments TPS70802PWP Datasheet HTML 7Page - Texas Instruments TPS70802PWP Datasheet HTML 8Page - Texas Instruments TPS70802PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
(3)
If VO < 1.8 V then VImax = 6 V, VImin = 2.7 V:
Lineregulation(mV)=(%/V)x V
o
x1000
(V
2.7)
100
-
Imax
If VO > 2.5 V then VImax = 6 V, VImin = VO + 1 V:
x1000
[ V
(V +1) ]
100
-
Imax
o
Lineregulation(mV)=(%/V)x V
o
TPS70845, TPS70848
TPS70851, TPS70858
TPS70802
SLVS301D – JUNE 2000 – REVISED DECEMBER 2007
Over recommended operating junction temperature range (TJ = –40°C to +125°C), VIN1 or VIN2 = VOUT(nom) + 1 V, IO = 1 mA,
EN = 0 V, and COUT = 33 µF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2.7 V < VIN < 6 V,
FB connected to VO
1.22
Reference
TJ = +25°C
voltage
2.7 V < VIN < 6 V,
FB connected to VO
1.196
1.244
2.7 V < VIN < 6 V,
TJ = +25°C
1.2
1.2 V Output
2.7 V < VIN < 6 V,
1.176
1.224
2.7 V < VIN < 6 V,
TJ = +25°C
1.5
1.5 V Output
Output
2.7 V < VIN < 6 V,
1.47
1.53
VO
V
voltage (1),(2)
2.8 V < VIN < 6 V,
TJ = +25°C
1.8
1.8 V Output
2.8 V < VIN < 6 V,
1.764
1.836
3.5 V < VIN < 6 V,
TJ = +25°C
2.5
2.5 V Output
3.5 V < VIN < 6 V,
2.45
2.55
4.3 V < VIN < 6 V,
TJ = +25°C
3.3
3.3 V Output
4.3 V < VIN < 6 V,
3.234
3.366
Quiescent current (GND current) for
See (2)
TJ = +25°C
190
regulator 1 and regulator 2, EN1 = EN2
µA
See (2)
230
= 0 V(1)
VO + 1 V < VIN ≤ 6 V,
TJ = +25°C
(1)
0.01
Output voltage line regulation (
∆VO/VO)
%V
for regulator 1 and regulator 2 (3)
VO + 1 V < VIN ≤ 6 V
(1)
0.1
Load regulation for VOUT 1 and VOUT2
TJ = +25°C
1
mV
Regulator 1
65
Output noise
Vn
BW = 300 Hz to 50 kHz,
CO = 33 µF, TJ = +25°C
µV
RMS
voltage
Regulator 2
65
Regulator 1
1.6
1.9
Output current limit
VOUT = 0 V
A
Regulator 2
0.750
1
Thermal shutdown junction temperature
+150
°C
Regulator 1
EN1 = VIN, EN2 = VIN
TJ = +25°C
2
II
Standby
µA
(standby) current
Regulator 2
EN1 = VIN, EN2 = VIN
6
f = 1 kHz, COUT = 33 µF,
Regulator 1
TJ = +25°C
(1)
60
Power-
IOUT1 = 250 mA
PSRR
supply ripple
dB
f = 1 kHz, COUT = 33 µF,
rejection
Regulator 2
TJ = +25°C
(1)
50
IOUT2 = 125 mA
UVLO threshold
2.4
2.65
V
RESET Terminal
Minimum input voltage for valid RESET
I(RESET) = 300 µA,
V(RESET) ≤ 0.8 V
1.0
1.3
V
t(RESET)
RESET pulse duration
80
120
160
ms
Output low voltage
VIN = 3.5 V,
I(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 6 V
1
µA
(1)
Minimum input operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum input voltage = 6 V, minimum output
current = 1 mA.
(2)
IO = 1 mA to 250 mA for Regulator 1 and 1 mA to 125 mA for Regulator 2.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS70802PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70802PWP TI-TPS70802PWP Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS70802PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com