Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71025DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71025DR
Description  LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71025DR Datasheet(HTML) 5 Page - Texas Instruments

  TPS71025DR Datasheet HTML 1Page - Texas Instruments TPS71025DR Datasheet HTML 2Page - Texas Instruments TPS71025DR Datasheet HTML 3Page - Texas Instruments TPS71025DR Datasheet HTML 4Page - Texas Instruments TPS71025DR Datasheet HTML 5Page - Texas Instruments TPS71025DR Datasheet HTML 6Page - Texas Instruments TPS71025DR Datasheet HTML 7Page - Texas Instruments TPS71025DR Datasheet HTML 8Page - Texas Instruments TPS71025DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS71025
LOW-DROPOUT VOLTAGE REGULATOR
SLVS162A – MAY 1997 – REVISED MAY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN) = 3.5 V,
IO = 10 mA, EN = 0 V, Co = 4.7 µF/CSR= 1 Ω, SENSE shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Output voltage
35 V
≤ VI ≤ 10 V
25
°C
2.5
V
Output voltage
3.5 V
≤ VI ≤ 10 V
0
°C to 125°C
2.45
2.55
V
IO =10mA
VI = 2 45 V
25
°C
5.7
7.5
IO = 10 mA,
VI = 2.45 V
0
°C to 125°C
10
Dropout voltage
IO = 100 mA
VI = 2 45 V
25
°C
57
95
mV
Dropout voltage
IO = 100 mA,
VI = 2.45 V
0
°C to 125°C
105
mV
IO = 500 mA
VI = 2 45 V
25
°C
330
450
IO = 500 mA,
VI = 2.45 V
0
°C to 125°C
500
Pass element series resistance
25
°C
0.66
0.9
Pass-element series resistance
0
°C to 125°C
1
Input regulation
VI = 3.5 V to 10 V,
25
°C
7
23
mV
Input regulation
I
50
µA ≤ IO ≤ 500 mA
0
°C to 125°C
12.7
29
mV
IO = 5 mA to 500 mA,
25
°C
18
38
mV
Output regulation
O
3.5 V
≤ VI ≤ 10 V
0
°C to 125°C
75
mV
Output regulation
IO = 50 µA to 500 mA,
25
°C
24
60
mV
O
µ
3.5 V
≤ VI ≤ 10 V
0
°C to 125°C
120
mV
f = 120 Hz
IO =50 µA
25
°C
43
53
Ripple rejection
f = 120 Hz,
IO = 50 µA
0
°C to 125°C
40
dB
Ripple rejection
f = 120 Hz
IO = 500 mA
25
°C
39
51
dB
f = 120 Hz,
IO = 500 mA
0
°C to 125°C
36
Output noise-spectral density
f = 120 Hz
25
°C
2
µV/√Hz
10 Hz
≤ f ≤ 100 kHz
Co = 4.7 µF
25
°C
274
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR = 1
Co = 10 µF
25
°C
228
µVrms
CSR = 1
Co = 100 µF
25
°C
159
Quiescent current (active mode)
EN
≤ 0.5 V,
25
°C
292
390
µA
Quiescent current (active mode)
,
0 mA
≤ IO ≤ 500 mA
0
°C to 125°C
540
µA
Supply current (standby mode)
EN =VI
27 V
≤ VI ≤ 10 V
25
°C
18
475
nA
Supply current (standby mode)
EN = VI,
2.7 V
≤ VI ≤ 10 V
0
°C to 125°C
1900
nA
Output current limit
VO =0
VI =10V
25
°C
1.07
2
A
Output current limit
VO = 0,
VI = 10 V
0
°C to 125°C
2
A
Pass-element leakage current in standby
EN =VI
27 V
≤ VI ≤ 10 V
25
°C
0.223
0.5
µA
gy
mode
EN = VI,
2.7 V
≤ VI ≤ 10 V
0
°C to 125°C
1
µA
Output voltage temperature coefficient
0
°C to 125°C
61
75
ppm/
°C
Thermal shutdown junction temperature
165
°C
Logic high input voltage (standby mode) EN
2.5 V
≤ VI ≤ 6 V
25
°C
2
V
Logic high input voltage (standby mode), EN
6 V
≤ VI ≤ 10 V
0
°C to 125°C
2.7
V
Logic low input voltage (active mode) EN
27 V
≤ VI ≤ 10 V
25
°C
0.5
V
Logic low input voltage (active mode), EN
2.7 V
≤ VI ≤ 10 V
0
°C to 125°C
0.5
V
Hysteresis voltage, EN
0
°C to 125°C
50
mV
Input current EN
0V
≤ VI ≤ 10 V
25
°C
– 0.5
0.5
µA
Input current, EN
0 V
≤ VI ≤ 10 V
0
°C to 125°C
– 0.5
0.5
µA
Input voltage, minimum for active pass
25
°C
2
2.5
V
g,
element
0
°C to 125°C
2.5
V
† CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor, any
series resistance added externally, and PWB trace resistance to Co.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Similar Part No. - TPS71025DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71025D TI-TPS71025D Datasheet
308Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TPS71025DR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com