Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FESB16BT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FESB16BT
Description  Ultrafast Plastic Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FESB16BT Datasheet(HTML) 1 Page - Vishay Siliconix

  FESB16BT Datasheet HTML 1Page - Vishay Siliconix FESB16BT Datasheet HTML 2Page - Vishay Siliconix FESB16BT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FES16JT, FESF16JT, FESB16JT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88599
www.vishay.com
15-Jan-03
1
Ultrafast Plastic Rectifiers
Reverse Voltage 50 to 600V
Forward Current 16A
Reverse Recovery Time 35/50ns
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB
molded plastic body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed:
250°C/10 sec. at terminals
Polarity: As marked Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 oz., 2.24 g
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Glass passivated chip junction
• Low power loss
• High surge current capability
• Low forward voltage, high current capability
• Superfast recovery times for high efficiency
0.08
(2.032)
0.24
(6.096)
0.42
(10.66)
0.63
(17.02)
0.12
(3.05)
0.33
(8.38)
Mounting Pad Layout TO-263AB
0.380 (9.65)
0.411 (10.45)
0.320 (8.13)
0.360 (9.14)
0.591 (15.00)
0.624 (15.85)
1
2
0.245 (6.22)
MIN
K
0.027 (0.686)
0.037 (0.940)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
K
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.140 (3.56)
0.090 (2.29)
0.110 (2.79)
0.047 (1.19)
0.055 (1.40)
PIN 1
PIN 2
K - HEATSINK
0-0.01 (0-0.254)
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.205 (5.20)
0.195 (4.95)
12
PIN
DIA.
DIA.
PIN 1
PIN 2
0.676 (17.2)
0.646 (16.4)
ITO-220AC (FESF16JT Series)
TO-220AC (FES16JT Series)
Dimensions in inches
and (millimeters)
TO-263AB (FESB16JT Series)
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.603 (15.32)
0.573 (14.55)
PIN
0.415 (10.54) MAX.
PIN 1
PIN 2
CASE
0.370 (9.40)
0.360 (9.14)


Similar Part No. - FESB16BT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FESB16BT GE-FESB16BT Datasheet
85Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Thinki Semiconductor Co...
FESB16BT THINKISEMI-FESB16BT Datasheet
382Kb / 2P
   16.0 Amperes Surface Mount Type Positive Ultra Fast Recovery Rectifier Diode
FESB16BTR THINKISEMI-FESB16BTR Datasheet
333Kb / 2P
   16.0 Ampere Surface Mount Type Negative Ultra Fast Recovery Rectifier Diode
More results

Similar Description - FESB16BT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FESF16FT VISHAY-FESF16FT Datasheet
190Kb / 3P
   Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
FES16XX EIC-FES16XX Datasheet
49Kb / 2P
   Ultrafast Plastic Rectifiers
logo
Formosa MS
MUR1620CT FORMOSA-MUR1620CT Datasheet
108Kb / 2P
   Ultrafast Plastic Rectifiers
logo
EIC discrete Semiconduc...
FES8AT EIC-FES8AT Datasheet
49Kb / 2P
   Ultrafast Plastic Rectifiers
logo
Formosa MS
MUR1020CT FORMOSA-MUR1020CT Datasheet
227Kb / 2P
   Ultrafast Plastic Rectifiers
logo
Silicon Standard Corp.
MUR140 SSC-MUR140 Datasheet
219Kb / 4P
   Ultrafast Plastic Rectifiers
logo
EIC discrete Semiconduc...
FEP16AT EIC-FEP16AT Datasheet
121Kb / 2P
   Ultrafast Plastic Rectifiers
BYVF32 EIC-BYVF32 Datasheet
46Kb / 2P
   Dual Ultrafast Plastic Rectifiers
logo
Vishay Siliconix
UG4A VISHAY-UG4A_11 Datasheet
78Kb / 4P
   Miniature Ultrafast Plastic Rectifiers
Revision: 04-May-11
logo
EIC discrete Semiconduc...
FEP30AP EIC-FEP30AP Datasheet
123Kb / 2P
   Dual Ultrafast Plastic Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com