Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70845PWPG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70845PWPG4
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70845PWPG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS70845PWPG4 Datasheet HTML 1Page - Texas Instruments TPS70845PWPG4 Datasheet HTML 2Page - Texas Instruments TPS70845PWPG4 Datasheet HTML 3Page - Texas Instruments TPS70845PWPG4 Datasheet HTML 4Page - Texas Instruments TPS70845PWPG4 Datasheet HTML 5Page - Texas Instruments TPS70845PWPG4 Datasheet HTML 6Page - Texas Instruments TPS70845PWPG4 Datasheet HTML 7Page - Texas Instruments TPS70845PWPG4 Datasheet HTML 8Page - Texas Instruments TPS70845PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
NC
NC
EN1
MR
RESET
EN2
V
OUT1
V
OUT1
V
IN1
V
IN1
V
SENSE1/FB1
V
SENSE2/FB2
V
OUT2
V
OUT2
V
IN2
V
IN2
PG1
PG2
GND
PWPPACKAGE
(TOPVIEW)
NC:Nointernalconnection
TPS70845, TPS70848
TPS70851, TPS70858
TPS70802
SLVS301D – JUNE 2000 – REVISED DECEMBER 2007
www.ti.com
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
23
• Dual Output Voltages for Split-Supply
The TPS708xx is a low dropout voltage regulator with
Applications
integrated SVS (RESET, POR, or power on reset)
and power good (PG) functions. These devices are
• Independent Enable Functions (See Part
capable of supplying 250 mA and 125 mA by
Number TPS707xx for Sequenced Outputs)
regulator 1 and regulator 2 respectively. Quiescent
• Output Current Range of 250 mA on Regulator
current is typically 190
µA at full load. Differentiated
1 and 125 mA on Regulator 2
features, such as accuracy, fast transient response,
• Voltage Options: 3.3-V/2.5-V, 3.3-V/1.8-V,
SVS supervisory circuit (power on reset), manual
reset input, and independent enable functions provide
3.3-V/1.5-V, 3.3-V/1.2-V, and Dual Adjustable
a complete system solution.
Outputs
• Open Drain Power-On Reset with 120-ms Delay
• Open Drain Power Good for Regulator 1 and
Regulator 2
• Ultralow 190-µA (typ) Quiescent Current
• 1-µA Input Current During Standby
• Low Noise: 65 µV
RMS Without Bypass
Capacitor
• Quick Output Capacitor Discharge Feature
• One Manual Reset Input
• 2% Accuracy Over Load and Temperature
• Undervoltage Lockout (UVLO) Feature
• 20-Pin PowerPAD™ TSSOP Package
• Thermal Shutdown Protection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS70845PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70845PWP TI-TPS70845PWP Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS70845PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com