Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS708 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS708
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS708 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS708 Datasheet HTML 7Page - Texas Instruments TPS708 Datasheet HTML 8Page - Texas Instruments TPS708 Datasheet HTML 9Page - Texas Instruments TPS708 Datasheet HTML 10Page - Texas Instruments TPS708 Datasheet HTML 11Page - Texas Instruments TPS708 Datasheet HTML 12Page - Texas Instruments TPS708 Datasheet HTML 13Page - Texas Instruments TPS708 Datasheet HTML 14Page - Texas Instruments TPS708 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
www.ti.com
Detailed Description
Pin Functions
Enable (EN1, EN2)
Power-Good (PG1, PG2)
Manual Reset Pin
Sense (VSENSE1, VSENSE2)
TPS70845, TPS70848
TPS70851, TPS70858
TPS70802
SLVS301D – JUNE 2000 – REVISED DECEMBER 2007
The TPS708xx low dropout regulator family provides dual regulated output voltages with independent enable
functions. These devices provide fast transient response and high accuracy with small output capacitors, while
drawing low quiescent current. Other features are integrated SVS (power-on reset, RESET) and power good
(PG1, PG2) that monitor output voltages and provide logic output to the system. These differentiated features
provide a complete power solution.
The TPS708xx, unlike many other LDOs, features very low quiescent current that remains virtually constant even
with varying loads. Conventional LDO regulators use a PNP pass element, the base current of which is directly
proportional to the load current through the regulator (IB = IC/β). The TPS708xx uses a PMOS transistor to pass
current; because the gate of the PMOS is voltage-driven, operating current is low and stable over the full load
range.
The EN terminals are inputs that enable or shut down each respective regulator. If EN is at a voltage high signal,
the respective regulator is in shutdown mode. When EN goes to voltage low, the respective regulator is enabled.
The PG terminals are open drain, active high output terminals that indicate the status of each respective
regulator. When VOUT1 reaches 95% of its regulated voltage, PG1 goes to a high impedance state. When VOUT2
reaches 95% of its regulated voltage, PG2 goes to a high impedance state. Each PG goes to a low impedance
state when its respective output voltage is pulled below 95% (that is, goes to an overload condition) of its
regulated voltage. The open drain outputs of the PG terminals require a pull-up resistor.
MR is an active low input terminal used to trigger a reset condition. When MR is pulled to logic low, a POR
(RESET) occurs. The terminal has a 6-
µA pull-up current to V
IN1.
The sense terminals of fixed-output options must be connected to the regulator outputs, and the connection
should be as short as possible. Internally, the sense terminal connects to high-impedance, wide-bandwidth
amplifiers through a resistor-divider network and noise pickup feeds through to the regulator output. It is essential
to route the sense connection in such a way as to minimize or avoid noise pickup. Adding RC networks between
sense terminals and VOUT terminals to filter noise is not recommended because these networks can cause the
regulators to oscillate.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70802 TI-TPS70802 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70802PWP TI-TPS70802PWP Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845PWP TI-TPS70845PWP Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70848 TI-TPS70848 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com