Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS723 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS723
Description  200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS723 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS723 Datasheet HTML 2Page - Texas Instruments TPS723 Datasheet HTML 3Page - Texas Instruments TPS723 Datasheet HTML 4Page - Texas Instruments TPS723 Datasheet HTML 5Page - Texas Instruments TPS723 Datasheet HTML 6Page - Texas Instruments TPS723 Datasheet HTML 7Page - Texas Instruments TPS723 Datasheet HTML 8Page - Texas Instruments TPS723 Datasheet HTML 9Page - Texas Instruments TPS723 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
350
300
250
200
150
100
50
0
JunctionTemperature( C)
°
-40
-20
0
20
40
60
80
100
120
140
500
450
400
350
300
250
200
150
100
50
0
InputVoltage(V)
-
10
-
9
-
8
-
7
-
6
-
5
-
4
-
3
-
2
-
1
0
NoLoad
R =12.5W
L
350
300
250
200
150
100
50
0
InputVoltage(V)
-10
-9
-8
-7
-6
-5
-4
-3
-2
T
J =+25°C
T = 40°
J
C
-
T
J =+125°C
350
300
250
200
150
100
50
0
OutputCurrent(mA)
0
25
50
75
100
125
150
175
200
T =+25 C
J
°
T = 40°
J
C
-
T =+125 C
J
°
-2.475
-2.488
-2.500
-2.513
-2.525
InputVoltage(V)
-10
-9
-8
-7
-2
T =+25 C
J
°
T =+125 C
J
°
T =+85°
J
C
-6
-5
-4
-3
T = 40
-
°
J
C
-2.475
-2.488
-2.500
-2.513
-2.525
AmbientTemperature (°C)
-40
-20
0
20
40
60
80
100
120
140
V
IN
OUT
=3V,I
=200mA
V
IN
OUT
=10V,I
=200mA
V
IN =10V,IOUT =0mA
V
IN
OUT
=3V,I
=0mA
TPS72301, TPS72325
SLVS346C – SEPTEMBER 2003 – REVISED SEPTEMBER 2014
www.ti.com
6.6 Typical Characteristics
TPS72325 at VI = VO(NOM) – 0.5 V, IO = 1 mA, VEN = 1.5 V, CO = 2.2 μF, and CNR = 0.01 μF, unless otherwise noted.
Figure 1. Output Voltage vs Input Voltage
Figure 2. Output Voltage vs Ambient Temperature
Figure 3. TPS72301 Dropout Voltage vs Input Voltage
Figure 4. Dropout Voltage vs Output Current
Figure 5. TPS72325 Dropout Voltage vs Junction
Figure 6. Ground Current vs Input Voltage
Temperature
6
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS72301 TPS72325


Similar Part No. - TPS723

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS723-Q1 TI1-TPS723-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
TPS723-Q1 TI1-TPS723-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS7230 TI-TPS7230 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301 TI1-TPS72301 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results

Similar Description - TPS723

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com