Electronic Components Datasheet Search |
|
TPS75125MPWPREP Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS75125MPWPREP Datasheet(HTML) 1 Page - Texas Instruments |
1 / 33 page TPS75101EP, '75115EP, '75118EP, '75125EP, '75133EP WITH POWER GOOD TPS75301EP, TPS75315EP, TPS75318EP, TPS75325EP, TPS75333EP WITH RESET FAST TRANSIENT RESPONSE 1.5A LOW DROPOUT VOLTAGE REGULATORS SGLS158 − APRIL 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Controlled Baseline − One Assembly/Test Site, One Fabrication Site D Enhanced Diminishing Manufacturing Sources (DMS) Support D Enhanced Product Change Notification D Qualification Pedigree† D 1.5-A Low-Dropout Voltage Regulator D Available in 1.5-V, 1.8-V, 2.5-V, 3.3-V, Fixed Output and Adjustable Versions D Open Drain Power-Good (PG) Status Output (TPS751xxQ) D Open Drain Power-On Reset With 100-ms Delay (TPS753xxQ) D Dropout Voltage Typically 160 mV at 1.5 A (TPS75133Q) † Component qualification in accordance with JEDEC and industry standards to ensure reliable operation over an extended temperature range. This includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, temperature cycle, autoclave or unbiased HAST, electromigration, bond intermetallic life, and mold compound life. Such qualification testing should not be viewed as justifying use of this component beyond specified performance and environmental limits. D Ultralow 75 µA Typical Quiescent Current D Fast Transient Response D 2% Tolerance Over Specified Conditions For Fixed-Output Versions D 20-Pin TSSOP (PWP) PowerPAD Package D Thermal Shutdown Protection description The TPS753xxQ and TPS751xxQ are low dropout regulators with integrated power-on reset and power-good (PG) functions respectively. These devices are capable of supplying 1.5 A of output current with a dropout of 160 mV (TPS75133Q, TPS75333Q). Quiescent current is 75 µA at full load and drops down to 1 µA when the device is disabled. TPS751xxQ and TPS753xxQ are designed to have fast transient response for larger load current changes. Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 160 mV at an output current of 1.5 A for the TPS75x33Q) and is directly proportional to the output current. Additionally, since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output loading (typically 75 µA over the full range of output current, 1 mA to 1.5 A). These two key specifications yield a significant improvement in operating life for battery-powered systems. The device is enabled when EN is connected to a low level voltage. This LDO family also features a sleep mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to less than 1 µA at TJ = 25°C. For the TPS751xxQ, the power-good terminal (PG) is an active high, open drain output, which can be used to implement a power-on reset or a low-battery indicator. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerPAD is a trademark of Texas Instruments. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 PWP PACKAGE (TOP VIEW) GND/HEATSINK NC IN IN EN PG or RESET† FB/SENSE OUTPUT OUTPUT GND/HEATSINK GND/HEATSINK NC NC GND NC NC NC NC NC GND/HEATSINK NC − No internal connection † PG is on the TPS751xx and RESET is on the TPS753xx |
Similar Part No. - TPS75125MPWPREP |
|
Similar Description - TPS75125MPWPREP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |