Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTS125-COO-010.0 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # FTS125-COO-010.0
Description  GPS Disciplined Oscillators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FTS125-COO-010.0 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  FTS125-COO-010.0 Datasheet HTML 1Page - Connor-Winfield Corporation FTS125-COO-010.0 Datasheet HTML 2Page - Connor-Winfield Corporation FTS125-COO-010.0 Datasheet HTML 3Page - Connor-Winfield Corporation FTS125-COO-010.0 Datasheet HTML 4Page - Connor-Winfield Corporation FTS125-COO-010.0 Datasheet HTML 5Page - Connor-Winfield Corporation FTS125-COO-010.0 Datasheet HTML 6Page - Connor-Winfield Corporation FTS125-COO-010.0 Datasheet HTML 7Page - Connor-Winfield Corporation FTS125-COO-010.0 Datasheet HTML 8Page - Connor-Winfield Corporation FTS125-COO-010.0 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Phaselocked10MHzoutput
1PPSoutput
3selectablereferences:GPS,External10MHzorExternal1PPS
Holdover
Threealarmoutputs.(Loss-of-Lock,HoldoverandAntennaFault)
Serialinputandoutputports(GPSreceiver)
Masterreset
+3.3Voltpowersupply
CommercialTemp(0-70°C)
MeetsITU-TG.811WanderGenerationMask
MeetsETSI-PRCWanderGenerationMask(withOCXOreference)
MCXGPSAntennaConnection
FixedPositionUnit
Package:32-pinThrough-Hole
PhysicalDimensions:4.15”x3.3”x0.718”(105.41mmx83.82mmx18.22mm)
125 Series
FTS125-COO-010.0 MHz
GPS Disciplined Oscillators
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
SG184
Revision
02
Date
03 Jan 12
Issued By
ENG
General Description
The FTS125-COO-010.0 MHz frequency and time
standard module is an OCXO based GPS driven,
mixed-signal phase lock loop, providing a 1 PPS CMOS
output from a Connor-Winfield GPS timing receiver and
generating a 10 MHz CMOS and a 10 MHz SINE output
from an intrinsically low jitter voltage controlled crystal
oscillator. The FTS125 can lock to a 10 MHz reference
derived from the on-board GPS receiver or an external
10 MHz reference or to an external 1 PPS reference.
Alarms are provided to indicate Loss-of-Lock, Holdover,
and Antenna Fault. The on-board GPS receiver requires
an outdoor mounted GPS antenna for the best stability
and consistent performance.
The mode control inputs are used to manually
switch between references and/or holdover. The user
application should monitor the alarm outputs and
manually switch modes as needed.
Serial I/O lines provide access to the NMEA messages from the GPS receiver
(referenced in the Connor-Winfield’s Wi125 User Manual. Contact Connor-Winfield Sales
for a copy). The serial I/O lines can be used to access GPS timestamp information, or to
verify that the receiver has recovered from an alarm condition. The reset is used to reset
the GPS receiver (if needed).
D
A
T
A
S
H
E
E
T
Available at Digi-Key
www.digikey.com


Similar Part No. - FTS125-COO-010.0

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
More results

Similar Description - FTS125-COO-010.0

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
   GPS-Disciplined Rubidium/OCXO Clock
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
   Compact GPS-Disciplined OCXO 10.000 MHz
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
Vectron International, ...
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com