Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMF05LC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GMF05LC
Description  ESD Protection Diode Array in SOT-363
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GMF05LC Datasheet(HTML) 1 Page - Vishay Siliconix

  GMF05LC Datasheet HTML 1Page - Vishay Siliconix GMF05LC Datasheet HTML 2Page - Vishay Siliconix GMF05LC Datasheet HTML 3Page - Vishay Siliconix GMF05LC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
GMF05LC
Document Number 85851
Rev. 1.2, 02-Apr-04
Vishay Semiconductors
www.vishay.com
1
6
5
4
1
2
3
18538
ESD Protection Diode Array in SOT-363
Features
• Transient protection for data lines as per
IEC 61000 - 4 - 2 (ESD) 15 kV (air), 8 kV (contact)
IEC 61000 - 4 - 5 (Lightning) 5 A (tp = 8/20
µs)
• Small package for use in portable electronics
• Bidirectional protection of 4 I/O lines
• Unidirectional protection of 5 I/O lines
• Low leakage current
• Ideal for cellular handsets, cordless phones,
notebooks, handhelds and digital cameras
Mechanical Data
Case: SOT-363 Plastic package
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/10 sec. at terminals
Weight: 6 mg
Parts Table
Absolute Maximum Ratings
Ratings at 25 °C, ambient temperature unless otherwise specified
Thermal Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
Electrical Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
Part
Ordering code
Marking
Remarks
GMF05LC
GMF05LC-GS08
GM2
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Peak pulse power
8/20
µs waveform
Pppm
70
W
Peak pulse current
8/20
µs waveform
Ipp
5A
Parameter
Test condition
Symbol
Value
Unit
Operating temperature
Tj
- 55 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse stand-off voltage
VRWM
5V
Reverse breakdown voltage
It = 1 mA
VBR
6V
Reverse leakage current
VRWM = 5 V
IR
0.1
µA
Clamping voltage
IPP = 1 A, 8/20 µs waveform
VC
9.5
V
IPP = 5 A, 8/20 µs waveform
VC
12.5
V
Peak forward voltage
IF = 1 A, 8/20 µs waveform
VF
1.5
V
Junction capacitance between I/
O pins and Gnd
VR = 0 V, f = 1 MHz
Cj
50
pF


Similar Part No. - GMF05LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05LC-HS3 VISHAY-GMF05LC-HS3 Datasheet
285Kb / 7P
   5-Line ESD-Protection Diode Array in LLP75-6A
Rev. 1.7, 22-Sep-08
GMF05LC-HS3-GS08 VISHAY-GMF05LC-HS3-GS08 Datasheet
285Kb / 7P
   5-Line ESD-Protection Diode Array in LLP75-6A
Rev. 1.7, 22-Sep-08
GMF05LC-HSF VISHAY-GMF05LC-HSF Datasheet
173Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.5, 27-Apr-17
GMF05LC-HSF VISHAY-GMF05LC-HSF Datasheet
179Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.6, 04-Jan-2019
GMF05LC-HSF VISHAY-GMF05LC-HSF Datasheet
180Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
More results

Similar Description - GMF05LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A5-06G VISHAY-VESD05A5-06G Datasheet
140Kb / 8P
   Five-Line ESD Protection Diode Array in SOT-363
Rev. 1.0, 14-Feb-2019
VESD01A2-03G VISHAY-VESD01A2-03G_V01 Datasheet
144Kb / 10P
   Dual-Line ESD-Protection Diode Array in SOT-323
01-Jan-2022
VESD01A2-03G VISHAY-VESD01A2-03G Datasheet
143Kb / 10P
   Dual-Line ESD-Protection Diode Array in SOT-323
Rev. 1.1, 13-Feb-2020
logo
Central Semiconductor C...
CMKTVS5-4 CENTRAL-CMKTVS5-4 Datasheet
1Mb / 2P
   Low Capacitance, Quad TVS/Diode Array in SOT-363 package
logo
Vishay Siliconix
VESD05A5A-HS3 VISHAY-VESD05A5A-HS3_08 Datasheet
290Kb / 7P
   Line ESD-Protection Diode Array in LLP75
Rev. 1.3, 22-Sep-08
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
   ESD Protection Diode Array
Rev. 2, 02-Jun-03
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
   ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
   ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
   ESD Protection Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com