Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75301-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS75301-Q1
Description  FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75301-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS75301-Q1 Datasheet HTML 1Page - Texas Instruments TPS75301-Q1 Datasheet HTML 2Page - Texas Instruments TPS75301-Q1 Datasheet HTML 3Page - Texas Instruments TPS75301-Q1 Datasheet HTML 4Page - Texas Instruments TPS75301-Q1 Datasheet HTML 5Page - Texas Instruments TPS75301-Q1 Datasheet HTML 6Page - Texas Instruments TPS75301-Q1 Datasheet HTML 7Page - Texas Instruments TPS75301-Q1 Datasheet HTML 8Page - Texas Instruments TPS75301-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPS75101EP, '75115EP, '75118EP, '75125EP, '75133EP WITH POWER GOOD
TPS75301EP, TPS75315EP, TPS75318EP, TPS75325EP, TPS75333EP WITH RESET
FAST TRANSIENT RESPONSE 1.5A LOW DROPOUT VOLTAGE REGULATORS
SGLS158 − APRIL 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product Change Notification
D Qualification Pedigree
D 1.5-A Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 3.3-V, Fixed
Output and Adjustable Versions
D Open Drain Power-Good (PG) Status
Output (TPS751xxQ)
D Open Drain Power-On Reset With 100-ms
Delay (TPS753xxQ)
D Dropout Voltage Typically 160 mV at 1.5 A
(TPS75133Q)
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Ultralow 75 µA Typical Quiescent Current
D Fast Transient Response
D 2% Tolerance Over Specified Conditions
For Fixed-Output Versions
D 20-Pin TSSOP (PWP) PowerPAD Package
D Thermal Shutdown Protection
description
The TPS753xxQ and TPS751xxQ are low dropout regulators with integrated power-on reset and power-good (PG)
functions respectively. These devices are capable of supplying 1.5 A of output current with a dropout of 160 mV
(TPS75133Q, TPS75333Q). Quiescent current is 75
µA at full load and drops down to 1 µA when the device is
disabled. TPS751xxQ and TPS753xxQ are designed to have fast transient response for larger load current
changes.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 160 mV at an
output current of 1.5 A for the TPS75x33Q) and is directly proportional to the output current. Additionally, since the
PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output loading
(typically 75
µA over the full range of output current, 1 mA to 1.5 A). These two key specifications yield a significant
improvement in operating life for battery-powered systems.
The device is enabled when EN is connected to a low level voltage. This LDO family also features a sleep mode;
applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to less than 1
µA at TJ = 25°C.
For the TPS751xxQ, the power-good terminal (PG) is an active high, open drain output, which can be used to
implement a power-on reset or a low-battery indicator.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWP PACKAGE
(TOP VIEW)
GND/HEATSINK
NC
IN
IN
EN
PG or RESET
FB/SENSE
OUTPUT
OUTPUT
GND/HEATSINK
GND/HEATSINK
NC
NC
GND
NC
NC
NC
NC
NC
GND/HEATSINK
NC − No internal connection
† PG is on the TPS751xx and RESET is on the TPS753xx


Similar Part No. - TPS75301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com