Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75315-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS75315-Q1
Description  FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75315-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS75315-Q1 Datasheet HTML 6Page - Texas Instruments TPS75315-Q1 Datasheet HTML 7Page - Texas Instruments TPS75315-Q1 Datasheet HTML 8Page - Texas Instruments TPS75315-Q1 Datasheet HTML 9Page - Texas Instruments TPS75315-Q1 Datasheet HTML 10Page - Texas Instruments TPS75315-Q1 Datasheet HTML 11Page - Texas Instruments TPS75315-Q1 Datasheet HTML 12Page - Texas Instruments TPS75315-Q1 Datasheet HTML 13Page - Texas Instruments TPS75315-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TPS75101EP, '75115EP, '75118EP, '75125EP, '75133EP WITH POWER GOOD
TPS75301EP, TPS75315EP, TPS75318EP, TPS75325EP, TPS75333EP WITH RESET
FAST TRANSIENT RESPONSE 1.5A LOW DROPOUT VOLTAGE REGULATORS
SGLS158 − APRIL 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
IO − Output Current − mA
TPS75x33Q
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.303
3.297
3.301
3.299
3.295
500
1500
3.305
0
1000
VO
VI = 4.3 V
TJ = 25°C
IO − Output Current − mA
TPS75x15Q
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.502
1.499
1.501
1.5
1.498
1.503
0
1.497
500
1500
1000
VO
Figure 3
VI = 2.7 V
TJ = 25°C
TJ − Junction Temperature − °C
TPS75x33Q
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
Figure 4
3.31
−40
10
3.33
160
3.35
3.29
60
110
3.25
3.27
1 mA
1.5 A
3.23
3.37
VI = 4.3 V
Figure 5
TJ − Junction Temperature − °C
TPS75x15Q
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
1.48
−40
10
1.50
110
60
160
1.52
1.51
1.49
VI = 2.7 V
1.47
1.53
1 mA
1.5 A


Similar Part No. - TPS75315-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75315-Q1 TI1-TPS75315-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75315-Q1 TI1-TPS75315-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75315-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com