Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75215-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75215-EP
Description  POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75215-EP Datasheet(HTML) 3 Page - Texas Instruments

  TPS75215-EP Datasheet HTML 1Page - Texas Instruments TPS75215-EP Datasheet HTML 2Page - Texas Instruments TPS75215-EP Datasheet HTML 3Page - Texas Instruments TPS75215-EP Datasheet HTML 4Page - Texas Instruments TPS75215-EP Datasheet HTML 5Page - Texas Instruments TPS75215-EP Datasheet HTML 6Page - Texas Instruments TPS75215-EP Datasheet HTML 7Page - Texas Instruments TPS75215-EP Datasheet HTML 8Page - Texas Instruments TPS75215-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TPS75201Q1, '75215Q1, '75218Q1, '75225Q1, '75233Q1 WITH RESET
TPS75401Q1, '75415Q1, '75418Q1, '75425Q1, '75433Q1 WITH POWER GOOD
FAST TRANSIENT RESPONSE 2A LOW DROPOUT VOLTAGE REGULATORS
SGLS166C − APRIL 2003 – REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
† See application information section for capacitor selection details.
PG or
RESET
OUT
OUT
4
3
5
IN
IN
EN
GND
17
6
8
9
VI
0.22
µF
PG or RESET Output
VO
47
µF
+
CO†
SENSE
7
Figure 1. Typical Application Configuration (For Fixed Output Options)
functional block diagram—adjustable version
100-ms Delay
(for RESET Option)
_
+
Vref = 1.1834 V
OUT
FB
EN
GND
PG or RESET
_
+
IN
R1
R2
External to the device


Similar Part No. - TPS75215-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75215-EP TI-TPS75215-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75215-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com