Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75718KTTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75718KTTR
Description  TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75718KTTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS75718KTTR Datasheet HTML 3Page - Texas Instruments TPS75718KTTR Datasheet HTML 4Page - Texas Instruments TPS75718KTTR Datasheet HTML 5Page - Texas Instruments TPS75718KTTR Datasheet HTML 6Page - Texas Instruments TPS75718KTTR Datasheet HTML 7Page - Texas Instruments TPS75718KTTR Datasheet HTML 8Page - Texas Instruments TPS75718KTTR Datasheet HTML 9Page - Texas Instruments TPS75718KTTR Datasheet HTML 10Page - Texas Instruments TPS75718KTTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = −40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 100 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input current (EN)
EN = VI
−1
1
µA
Input current (EN)
EN = 0 V
−1
0
1
µA
High level EN input voltage
2
V
Low level EN input voltage
0.7
V
Dropout voltage, (3.3 V output) (see Note 4)
IO = 3 A,
VI = 3.2 V,
TJ = 25°C
150
mV
VO
Dropout voltage, (3.3 V output) (see Note 4)
IO = 3 A,
VI = 3.2 V
300
mV
VO
Discharge transistor current
VO = 1.5 V,
TJ = 25°C
10
25
mA
VI
UVLO
TJ = 25°C,
VI rising
2.2
2.75
V
VI
UVLO hysteresis
TJ = 25°C,
VI falling
100
mV
NOTE 4: IN voltage equals VO(typ) − 100 mV; TPS75715, TPS75718, and TPS75725 dropout voltage limited by input voltage range limitations
(i.e., TPS75733 input voltage is set to 3.2 V for the purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
2, 3
VO
Output voltage
vs Junction temperature
4, 5
Ground current
vs Junction temperature
6
Power supply ripple rejection
vs Frequency
7
Output spectral noise density
vs Frequency
8
zo
Output impedance
vs Frequency
9
VDO
Dropout voltage
vs Input voltage
10
VDO
Dropout voltage
vs Junction temperature
11
VI
Minimum required input voltage
vs Output voltage
12
Line transient response
13, 15
Load transient response
14, 16
VO
Output voltage and enable voltage
vs Time (start-up)
17
Equivalent series resistance
vs Output current
19, 20


Similar Part No. - TPS75718KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75718KTTR TI-TPS75718KTTR Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75718KTTR TI-TPS75718KTTR Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
TPS75718KTTRG3 TI-TPS75718KTTRG3 Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
More results

Similar Description - TPS75718KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com