Electronic Components Datasheet Search |
|
TPS75818KTT Datasheet(PDF) 2 Page - Texas Instruments |
|
TPS75818KTT Datasheet(HTML) 2 Page - Texas Instruments |
2 / 26 page www.ti.com ABSOLUTE MAXIMUM RATINGS DISSIPATION RATINGS TABLE TPS75801 ,, TPS758A01 TPS75815, TPS75818 TPS75825, TPS75833 SLVS330F – JUNE 2001 – REVISED APRIL 2007 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT VOUT TPS758xxyyyz XX is nominal output voltage (for example, 25 = 2.5V, 01 = Adjustable). or YYY is package designator. TPS758A01yyyz(2) Z is package quantity. (1) For the most current specification and package information, refer to the Package Option Addendum located at the end of this datasheet or see the TI website at www.ti.com. (2) TPS758A01 available in adjustable version only. See TPS758A01 Reference Voltage in Electrical Characteristics for different VREF range. Over operating junction temperature range (unless otherwise noted)(1)(2) TPS758xx UNIT Input voltage range, VIN –0.3 to 6 V Voltage range at EN –0.3 to 6 V Peak output current Internally limited Continuous total power dissipation See Dissipation Ratings Table Output voltage, VOUT (OUT, FB) 5.5 V Operating junction temperature range, TJ –40 to +150 °C Storage temperature range, TSTG –65 to +150 °C ESD rating, HBM 2 kV ESD rating, CDM 500 V (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to network terminal ground. PACKAGE RΘJC(°C/W) RΘJA(°C/W) (1) TO-220 2 58.7(2) TO-263 2 38.7(3) (1) For both packages, the RΘJA values were computed using a JEDEC High-K board (2S2P) with a 1-ounce internal copper plane and ground plane. There was no air flow across the packages. (2) RΘJA was computed assuming a vertical, free-standing TO-220 package with pins soldered to the board. There is no heatsink attached to the package. (3) RΘJA was computed assuming a horizontally-mounted TO-263 package with pins soldered to the board. There is no copper pad underneath the package. 2 Submit Documentation Feedback |
Similar Part No. - TPS75818KTT |
|
Similar Description - TPS75818KTT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |