Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76725QPWPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS76725QPWPRQ1
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROP OUT VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76725QPWPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS76725QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS76725QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS76725QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS76725QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS76725QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS76725QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS76725QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS76725QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS76725QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS76715Q1, TPS76718Q1, TPS76725Q1, TPS76727Q1
TPS76728Q1, TPS76730Q1, TPS76733Q1, TPS76750Q1, TPS76701Q1
FAST TRANSIENT RESPONSE 1A LOW DROPOUT VOLTAGE REGULATORS
SGLS009B − MARCH 2003 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D 1−A Low-Dropout (LDO) Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V,
3-V, 3.3-V, 5-V Fixed-Output and Adjustable
Versions
D Dropout Voltage Down to 230 mV at 1 A
(TPS76750)
D Ultralow 85-µA Typical Quiescent Current
D Fast Transient Response
D 2% Tolerance Over Specified Conditions for
Fixed-Output Versions
D Open Drain Power-On Reset With 200-ms
Delay (See TPS768xx for PG Option)
D 20-Pin TSSOP PowerPAD (PWP) Package
D Thermal Shutdown Protection
description
These devices are designed to have a fast transient
response and be stable with 10-
µF low ESR
capacitors.
This
combination
provides
high
performance at a reasonable cost.
Because the PMOS device behaves as a low-value
resistor, the dropout voltage is very low (typically 230
mV at an output current of 1 A for the TPS76750) and
is directly proportional to the output current. Additionally, since the PMOS pass element is a voltage-driven
device, the quiescent current is very low and independent of output loading (typically 85
µA over the full range
of output current, 0 mA to 1 A). These two key specifications yield a significant improvement in operating life
for battery-powered systems. This low-dropout (LDO) family also features a sleep mode; applying a TTL high
signal to the enable (EN) input shuts down the regulator, reducing the quiescent current to 1
µA at TJ = 25°C.
The RESET output of the TPS767xx initiates a reset in microcomputer and microprocessor systems in the event
of an undervoltage condition. An internal comparator in the TPS767xx monitors the output voltage of the
regulator to detect an undervoltage condition on the regulated output voltage.
The TPS767xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3-V, 3.3-V, and 5-V fixed-voltage versions and in
an adjustable version (programmable over the range of 1.5 V to 5.5 V). Output voltage tolerance is specified
as a maximum of 2% over line, load, and temperature ranges. The TPS767xx family is available in a 20-pin PWP
package.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NC − No internal connection
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND/HSINK
GND/HSINK
GND
NC
EN
IN
IN
NC
GND/HSINK
GND/HSINK
GND/HSINK
GND/HSINK
NC
NC
RESET
FB/NC
OUT
OUT
GND/HSINK
GND/HSINK
PWP PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPS76725QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76725QPWPRQ1 TI1-TPS76725QPWPRQ1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76725QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com