Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75818KTTT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS75818KTTT
Description  FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75818KTTT Datasheet(HTML) 4 Page - Texas Instruments

  TPS75818KTTT Datasheet HTML 1Page - Texas Instruments TPS75818KTTT Datasheet HTML 2Page - Texas Instruments TPS75818KTTT Datasheet HTML 3Page - Texas Instruments TPS75818KTTT Datasheet HTML 4Page - Texas Instruments TPS75818KTTT Datasheet HTML 5Page - Texas Instruments TPS75818KTTT Datasheet HTML 6Page - Texas Instruments TPS75818KTTT Datasheet HTML 7Page - Texas Instruments TPS75818KTTT Datasheet HTML 8Page - Texas Instruments TPS75818KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
IN
GND
EN
Thermal
Shutdown
Bandgap
Reference
V
=1.22V
REF
UVLO
UVLO
Current
Sense
ILIM
SHUTDOWN
+
-
OUT
FB
R
1
R
2
IN
GND
EN
Thermal
Shutdown
Bandgap
Reference
V
=1.22V
REF
UVLO
UVLO
Current
Sense
ILIM
SHUTDOWN
+
-
OUT
R
1
R
2
TPS75801
,, TPS758A01
TPS75815, TPS75818
TPS75825, TPS75833
SLVS330F – JUNE 2001 – REVISED APRIL 2007
ADJUSTABLE VOLTAGE VERSION
FIXED VOLTAGE VERSIONS
Table 1. TERMINAL FUNCTIONS
TPS758xx
NAME
PIN NO.
DESCRIPTION
EN
1
Enable input
IN
2
Input supply
GND
3
Ground
OUT
4
Regulated output voltage; see Output Capacitor section for output capacitor requirements.
FB/NC
5
Feedback voltage for adjustable device. Connect to GND or leave open for fixed VOUT devices.
4
Submit Documentation Feedback


Similar Part No. - TPS75818KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75818KTTT TI-TPS75818KTTT Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75818KTTT TI-TPS75818KTTT Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75818KTTTG3 TI-TPS75818KTTTG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75818KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com