Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62FP4902PH Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC62FP4902PH
Description  POSITIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP4902PH Datasheet(HTML) 5 Page - Torex Semiconductor

  XC62FP4902PH Datasheet HTML 1Page - Torex Semiconductor XC62FP4902PH Datasheet HTML 2Page - Torex Semiconductor XC62FP4902PH Datasheet HTML 3Page - Torex Semiconductor XC62FP4902PH Datasheet HTML 4Page - Torex Semiconductor XC62FP4902PH Datasheet HTML 5Page - Torex Semiconductor XC62FP4902PH Datasheet HTML 6Page - Torex Semiconductor XC62FP4902PH Datasheet HTML 7Page - Torex Semiconductor XC62FP4902PH Datasheet HTML 8Page - Torex Semiconductor XC62FP4902PH Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
■Absolute Maximum Ratings
■Block Diagram
VOUT
VIN
VSS
+
-
Current
Limit
Voltage
Reference
PARAMETER
Input Voltage
Output Voltage
Output Current
SOT-23
Continuous
Total Power
Dissipation
SOT-89
Operating Ambient
Temperature
Storage Temperature
RATINGS
12
500
150
500
TO-92
300
–40 ~ +85
–40 ~ +125
UNITS
V
V
mA
mW
°C
°C
SYMBOL
VIN
VOUT
IOUT
Pd
Topr
Tstg
Ta=25
°C
VSS-0.3 ~ VIN+0.3
GTO-92
2 3 4 5
6 7
1
TO-92(L Type)
(TOP VIEW)
62F
L
2 3 4 5
6 7
1
TO-92(T Type)
(TOP VIEW)
62F
q Represents the polarity of
Output Voltage
DESIGNATOR
CONFIGURATION
P
CMOS
we Represents the Detect Voltage
w
3
3.3
5
5.0
e
DESIGNATOR
VOLTAGE(V)
3
0
r Represents the temperature
characteristics
DESIGNATOR TEMPERATURE CHARACTERISTICS
0
TPY±100ppm
DESIGNATOR DETECT VOLTAGE ACCURACY
1
within ±1%(semi-custom)
2
within ±2%
t Represents the Detect
Voltage Accuracy
y Represents a least significant
digit of the produced year
DESIGNATOR
PRODUCED YEAR
0
2000
1
2001
u Denotes the production lot number
0 to 9, A to Z repeated (G.I.J.O.Q.W excepted)
XC62FP
Series
289
3
03S_05XC62FP 02.9.12 3:01 PM ページ 289


Similar Part No. - XC62FP4902PH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62FP3001LB TOREX-XC62FP3001LB Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LH TOREX-XC62FP3001LH Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LL TOREX-XC62FP3001LL Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LR TOREX-XC62FP3001LR Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001MB TOREX-XC62FP3001MB Datasheet
293Kb / 16P
   Positive Voltage Regulators
More results

Similar Description - XC62FP4902PH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com