Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77115DGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77115DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77115DGK Datasheet(HTML) 1 Page - Texas Instruments

  TPS77115DGK Datasheet HTML 1Page - Texas Instruments TPS77115DGK Datasheet HTML 2Page - Texas Instruments TPS77115DGK Datasheet HTML 3Page - Texas Instruments TPS77115DGK Datasheet HTML 4Page - Texas Instruments TPS77115DGK Datasheet HTML 5Page - Texas Instruments TPS77115DGK Datasheet HTML 6Page - Texas Instruments TPS77115DGK Datasheet HTML 7Page - Texas Instruments TPS77115DGK Datasheet HTML 8Page - Texas Instruments TPS77115DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Open Drain Power-On Reset With 220-ms
Delay (TPS771xx)
D Open Drain Power-Good (PG) Status
Output (TPS772xx)
D 150-mA Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.7-V, 2.8-V, 3.3-V,
5.0-V Fixed Output and Adjustable Versions
D Dropout Voltage Typically 115 mV
at 150 mA (TPS77133, TPS77233)
D Ultralow 92-µA Quiescent Current (Typ)
D 8-Pin MSOP (DGK) Package
D Low Noise (55 µVrms) Without External
Filter (Bypass) Capacitor (TPS77118,
TPS77218)
D 2% Tolerance Over Specified Conditions
for Fixed-Output Versions
D Fast Transient Response
D Thermal Shutdown Protection
description
The TPS771xx and TPS772xx are low-dropout
regulators with integrated power-on reset and
power good (PG) function respectively. These
devices are capable of supplying 150 mA of output
current with a dropout of 115 mV (TPS77133,
TPS77233). Quiescent current is 92
µA at full load
dropping down to 1
µA when device is disabled.
These devices are optimized to be stable with a
wide range of output capacitors including low ESR
ceramic (10
µF) or low capacitance (1 µF)
tantalum capacitors. These devices have ex-
tremely low noise output performance (55
µVrms)
without
using
any
added
filter
capacitors.
TPS771xx and TPS772xx are designed to have
fast transient response for larger load current
changes.
The TPS771xx or TPS772xx is offered in 1.5 V,
1.8-V, 2.7-V, 2.8-V, 3.3-V, and 5.0 V fixed-voltage versions and in an adjustable version (programmable over
the range of 1.5 V to 5.5 V). Output voltage tolerance is 2% over line, load, and temperature ranges. The
TPS771xx and TPS772xx families are available in 8-pin MSOP (DGK) packages.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 115 mV
at an output current of 150 mA for 3.3 volt option) and is directly proportional to the output current. Additionally,
since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent
of output loading (typically 92
µA over the full range of output current, 0 mA to 150 mA). These two key
specifications yield a significant improvement in operating life for battery-powered systems.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2000, Texas Instruments Incorporated
–50
0
50
100
150
200
250
300
–40
0
40
80
120
160
TPS77x33
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
IO = 150 mA
IO = 10 mA
IO = 0 A
OUT
OUT
IN
IN
8
7
6
5
1
2
3
4
FB/SENSE
RESET
EN
GND
TPS771xx
DGK Package
(TOP VIEW)
OUT
OUT
IN
IN
8
7
6
5
1
2
3
4
FB/SENSE
PG
EN
GND
TPS772xx
DGK Package
(TOP VIEW)
Obsolete Devices: TPS77127, TPS77201, TPS77215, TPS77218


Similar Part No. - TPS77115DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77115DGK TI-TPS77115DGK Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115DGK TI-TPS77115DGK Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115DGKG4 TI-TPS77115DGKG4 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115DGKR TI-TPS77115DGKR Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115DGKR TI-TPS77115DGKR Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77115DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI1-TPS77301_16 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com