Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76333DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76333DBVRG4
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76333DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS76333DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS76333DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS76333DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS76333DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS76333DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS76333DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS76333DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS76333DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS76333DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
3
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)1
Input voltage range(2)
−0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at EN
−0.3 V to VI + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on OUT, FB
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
BOARD
PACKAGE
RθJC
RθJA
DERATING FACTOR
ABOVE TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
Low K(1)
DBV
65.8
°C/W
259
°C/W
3.9 mW/
°C
386 mW
212 mW
154 mW
High K(2)
DBV
65.8
°C/W
180
°C/W
5.6 mW/
°C
555 mW
305 mW
222 mW
(1) The JEDEC Low K (1s) board design used to derive this data was a 3 inch x 3 inch, two layer board with 2 ounce copper traces on top of the
board.
(2) The JEDEC High K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1 ounce internal power and ground
planes and 2 ounce copper traces on top and bottom of the board.
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage, VI(1)
2.7
10
V
Continuous output current, IO
0
150
mA
Operating junction temperature, TJ
−40
125
°C
(1) To calculate the minimum input voltage for your maximum output current, use the following equation:
VI(min) = VO(max) + VDO(max load)
TPS76327 is Obsolete


Similar Part No. - TPS76333DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76333DBVRG4 TI-TPS76333DBVRG4 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76333DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com