Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMM0204VD90B3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # OMM0204VD90B3
Description  Thin Film Mini-MELF Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OMM0204VD90B3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button OMM0204VD90B3 Datasheet HTML 4Page - Vishay Siliconix OMM0204VD90B3 Datasheet HTML 5Page - Vishay Siliconix OMM0204VD90B3 Datasheet HTML 6Page - Vishay Siliconix OMM0204VD90B3 Datasheet HTML 7Page - Vishay Siliconix OMM0204VD90B3 Datasheet HTML 8Page - Vishay Siliconix OMM0204VD90B3 Datasheet HTML 9Page - Vishay Siliconix OMM0204VD90B3 Datasheet HTML 10Page - Vishay Siliconix OMM0204VD90B3 Datasheet HTML 11Page - Vishay Siliconix OMM0204VD90B3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
9
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.19
14 (Na)
Rapid
change of
temperature
30 min at LCT and
30 min at UCT;
LCT = -55 °C;
UCT = 125 °C;
1000 cycles
± (0.15 %
R + 0.01 Ω)
± (0.25 %
R)
LCT = -55 °C;
UCT = 155 °C;
1000 cycles
± (0.5 %
R + 0.01 Ω)
4.13
-
Short time
overload:
standard
operation
mode
U = 2.5 x
≤ 2 x Umax.;
5 s
± (0.03 %
R + 0.01 Ω)± (0.1 % R)
Short time
overload:
power
operation
mode
± (0.05 %
R + 0.01 Ω)± (0.1 % R)
4.27
-
Single pulse
high voltage
overload:
standard
operation
mode
Severity no. 4:
U = 10 x
≤ 2 x Umax.;
10 pulses
10 μs/700 μs
± (0.15 %
R + 0.01 Ω)
Single pulse
high voltage
overload:
power
peration
mode
± (0.15 %
R + 0.01 Ω)
4.39
-
Periodic
electric
overload:
standard
operation
mode
U =
≤ 2 x Umax.;
0.1 s on; 2.5 s off;
1000 cycles
± (0.15 %
R + 0.01 Ω)
Periodic
electric
overload:
power
operation
mode
± (0.3 %
R + 0.01 Ω)
4.22
6 (Fc)
Vibration
Endurance
by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2;
7.5 h
± (0.05 %
R + 0.01 Ω)± (0.1 % R)
4.38
-
Electrostatic
discharge
(Human Body
Model)
IEC 61340-3-1 (1);
3 pos. + 3 neg.
discharges
SMM 0204: 2 kV
± (0.5 %
R + 0.05 Ω)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
SMM0204
< 1
Ω
1
Ω to < 10 Ω
10
Ω to ≤ 1 MΩ
> 1 M
Ω
P
70 x R
P
70 x R
15 x P
70 x R


Similar Part No. - OMM0204VD90B3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OMM0204 VISHAY-OMM0204 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B000 VISHAY-OMM02040000000B000 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
More results

Similar Description - OMM0204VD90B3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com