Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76628D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76628D
Description  ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76628D Datasheet(HTML) 2 Page - Texas Instruments

  TPS76628D Datasheet HTML 1Page - Texas Instruments TPS76628D Datasheet HTML 2Page - Texas Instruments TPS76628D Datasheet HTML 3Page - Texas Instruments TPS76628D Datasheet HTML 4Page - Texas Instruments TPS76628D Datasheet HTML 5Page - Texas Instruments TPS76628D Datasheet HTML 6Page - Texas Instruments TPS76628D Datasheet HTML 7Page - Texas Instruments TPS76628D Datasheet HTML 8Page - Texas Instruments TPS76628D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
(1)
To calculate the minimum input voltage for your maximum output current, use the following equation:
V
=V
+V
I(min)
O(max)
DO(max load)
TPS76615
,, TPS76618,, TPS76625
TPS76627, TPS76628, TPS76630
TPS76633, TPS76650, TPS76601
SLVS237C – AUGUST 1999 – REVISED JANUARY 2009................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
XX is nominal output voltage (for example, 28 = 2.8V, 01 = Adjustable).(3)
TPS766xxyz
Y is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Output voltages from 1.5 V to 5.0 V in 50-mV increments are available through the use of innovative factory EEPROM programming;
minimum order quantities may apply. Contact factory for details and availability.
(3)
The TPS76601 is programmable using an external resistor divider (see Application Information).
Over operating free-air temperature range (unless otherwise noted).
(1)
PARAMETER
TPS766xx
UNIT
VI
Input voltage range(2)
–0.3 to 13.5
V
Voltage range at EN
–0.3 to 16.5
V
Maximum PG voltage
16.5
V
Peak output current
Internally limited
Continuous total power dissipation
See Dissipation Ratings Table
VO
Output voltage (OUT, FB)
7
V
TJ
Operating virtual junction temperature range
–40 to +125
°C
Tstg
Storage temperature range
–65 to +150
°C
ESD rating, HBM
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
All voltage values are with respect to network terminal ground.
AIR FLOW
TA < +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
PACKAGE
(CFM)
POWER RATING
ABOVE TA = +25°C
POWER RATING
POWER RATING
0
568 mW
5.68 mW/°C
312 mW
227 mW
D
250
904 mW
9.04 mW/°C
497 mW
361 mW
MIN
MAX
UNIT
VI
Input voltage(1)
2.7
10
V
VO
Output voltage range
1.2
5.5
V
IO
Output current(2)
0
250
mA
TJ
Operating virtual junction temperature(2)
–40
125
°C
(2)
Continuous current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that the
device operate under conditions beyond those specified in this table for extended periods of time.
2
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS76615 TPS76618 TPS76625 TPS76627 TPS76628 TPS76630 TPS76633 TPS76650
TPS76601


Similar Part No. - TPS76628D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76628D TI-TPS76628D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76628D TI1-TPS76628D Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76628D TI1-TPS76628D Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
TPS76628DG4 TI1-TPS76628DG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76628DR TI1-TPS76628DR Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76628D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com