Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76933DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76933DBVT
Description  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76933DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS76933DBVT Datasheet HTML 5Page - Texas Instruments TPS76933DBVT Datasheet HTML 6Page - Texas Instruments TPS76933DBVT Datasheet HTML 7Page - Texas Instruments TPS76933DBVT Datasheet HTML 8Page - Texas Instruments TPS76933DBVT Datasheet HTML 9Page - Texas Instruments TPS76933DBVT Datasheet HTML 10Page - Texas Instruments TPS76933DBVT Datasheet HTML 11Page - Texas Instruments TPS76933DBVT Datasheet HTML 12Page - Texas Instruments TPS76933DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPS76901, TPS76912, TPS76915, TPS76918, TPS76925
TPS76927, TPS76928, TPS76930, TPS76933, TPS76950
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS203E – JUNE 1999 – REVISED MAY 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
3.7
TPS76915
LINE TRANSIENT RESPONSE
t – Time –
µs
060
40
20
80
100
140
120
160
180 200
IL = 10 mA
CO = 4.7 µF
ESR = 0.3
2.7
10
0
–10
Figure 14
t – Time –
µs
TPS76915
LOAD TRANSIENT RESPONSE
0
0
060
40
20
80
100
140
120
160
180 200
100
VI = 2.7 V
CO = 10 µF
ESR = 0.3
–200
–400
Figure 15
TPS76933
LINE TRANSIENT RESPONSE
t – Time –
µs
5.3
060
40
20
80
100
140
120
160
180
IL = 10 mA
CO = 4.7 µF
ESR = 0.3
4.3
10
0
–10
Figure 16
t – Time –
µs
TPS76933
LOAD TRANSIENT RESPONSE
0
060
40
20
80
100
140
120
160
180
100
VI = 4.3 V
CO = 4.7 µF
ESR = 0.3
100
0
–100


Similar Part No. - TPS76933DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76933DBVT TI-TPS76933DBVT Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76933DBVT TI1-TPS76933DBVT Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76933DBVTG4 TI1-TPS76933DBVTG4 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76933DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com