Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76628DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76628DR
Description  ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76628DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76628DR Datasheet HTML 3Page - Texas Instruments TPS76628DR Datasheet HTML 4Page - Texas Instruments TPS76628DR Datasheet HTML 5Page - Texas Instruments TPS76628DR Datasheet HTML 6Page - Texas Instruments TPS76628DR Datasheet HTML 7Page - Texas Instruments TPS76628DR Datasheet HTML 8Page - Texas Instruments TPS76628DR Datasheet HTML 9Page - Texas Instruments TPS76628DR Datasheet HTML 10Page - Texas Instruments TPS76628DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TYPICAL CHARACTERISTICS
TPS76615
,, TPS76618,, TPS76625
TPS76627, TPS76628, TPS76630
TPS76633, TPS76650, TPS76601
www.ti.com................................................................................................................................................. SLVS237C – AUGUST 1999 – REVISED JANUARY 2009
TPS76633
TPS76615
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 2.
Figure 3.
TPS76633
TPS76615
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 4.
Figure 5.
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS76615 TPS76618 TPS76625 TPS76627 TPS76628 TPS76630 TPS76633 TPS76650
TPS76601


Similar Part No. - TPS76628DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76628DR TI1-TPS76628DR Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76628DR TI1-TPS76628DR Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
TPS76628DRG4 TI1-TPS76628DRG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76628DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com