Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76350DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76350DBVR
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76350DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS76350DBVR Datasheet HTML 1Page - Texas Instruments TPS76350DBVR Datasheet HTML 2Page - Texas Instruments TPS76350DBVR Datasheet HTML 3Page - Texas Instruments TPS76350DBVR Datasheet HTML 4Page - Texas Instruments TPS76350DBVR Datasheet HTML 5Page - Texas Instruments TPS76350DBVR Datasheet HTML 6Page - Texas Instruments TPS76350DBVR Datasheet HTML 7Page - Texas Instruments TPS76350DBVR Datasheet HTML 8Page - Texas Instruments TPS76350DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
2
FUNCTIONAL BLOCK DIAGRAM
TPS76301
OUT
IN
FB
GND
EN
VREF
TPS76316/ 18/ 25/ 27/ 28/ 30/ 33/ 38/ 50
OUT
IN
GND
EN
VREF
Current Limit/
Thermal
Protection
Current Limit/
Thermal
Protection
Terminal Functions
TERMINAL
DESCRIPTION
NAME
DESCRIPTION
GND
Ground
EN
Enable input
FB
Feedback voltage (TPS76301 only)
IN
Input supply voltage
NC
No connection (fixed-voltage option only)
OUT
Regulated output voltage
TPS76327 is Obsolete


Similar Part No. - TPS76350DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76350DBVR TI-TPS76350DBVR Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
TECH PUBLIC Electronics...
TPS76350DBVR-TP TECHPUBLIC-TPS76350DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76350DBVR-TP TECHPUBLIC-TPS76350DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76350DBVR-TP TECHPUBLIC-TPS76350DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76350DBVR-TP TECHPUBLIC-TPS76350DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
More results

Similar Description - TPS76350DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com