Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76912DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76912DBVR
Description  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76912DBVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS76912DBVR Datasheet HTML 1Page - Texas Instruments TPS76912DBVR Datasheet HTML 2Page - Texas Instruments TPS76912DBVR Datasheet HTML 3Page - Texas Instruments TPS76912DBVR Datasheet HTML 4Page - Texas Instruments TPS76912DBVR Datasheet HTML 5Page - Texas Instruments TPS76912DBVR Datasheet HTML 6Page - Texas Instruments TPS76912DBVR Datasheet HTML 7Page - Texas Instruments TPS76912DBVR Datasheet HTML 8Page - Texas Instruments TPS76912DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS76901, TPS76912, TPS76915, TPS76918, TPS76925
TPS76927, TPS76928, TPS76930, TPS76933, TPS76950
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS203E – JUNE 1999 – REVISED MAY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
2
Ground
EN
3
I
Enable input
FB
4
I
Feedback voltage (TPS76901 only)
IN
1
I
Input supply voltage
NC
4
No connection (Fixed options only)
OUT
5
O
Regulated output voltage
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range
(see Note 1)
– 0.3 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at EN
–0.3 V to VI + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on OUT, FB
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
– 40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
BOARD
PACKAGE
R
θJC
R
θJA
DERATING FACTOR
ABOVE TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
Low K‡
DBV
65.8
°C/W
259
°C/W
3.9 mW/
°C
386 mW
212 mW
154 mW
High K§
DBV
65.8
°C/W
180
°C/W
5.6 mW/
°C
555 mW
305 mW
222 mW
‡ The JEDEC Low K (1s) board design used to derive this data was a 3 inch x 3 inch, two layer board with 2 ounce copper traces on top of the board.
§ The JEDEC High K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1 ounce internal power and ground
planes and 2 ounce copper traces on top and bottom of the board.
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage, VI (see Note 2)
2.7
10
V
Output voltage range, VO
1.2
5.5
V
Continuous output current, IO (see Note 3)
0
100
mA
Operating junction temperature, TJ
–40
125
°C
NOTES:
2. To calculate the minimum input voltage for your maximum output current, use the following formula:
VI(min) = VO(max) + VDO (max load)
3. Continuous output current and operating junction temperature are limited by internal protection circuitry, but it is not recommended
that the device operate under conditions beyond those specified in this table for extended periods of time.


Similar Part No. - TPS76912DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76912DBVR TI-TPS76912DBVR Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912DBVR TI1-TPS76912DBVR Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912DBVRG4 TI1-TPS76912DBVRG4 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76912DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com