Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78230-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS78230-Q1
Description  150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78230-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS78230-Q1 Datasheet HTML 7Page - Texas Instruments TPS78230-Q1 Datasheet HTML 8Page - Texas Instruments TPS78230-Q1 Datasheet HTML 9Page - Texas Instruments TPS78230-Q1 Datasheet HTML 10Page - Texas Instruments TPS78230-Q1 Datasheet HTML 11Page - Texas Instruments TPS78230-Q1 Datasheet HTML 12Page - Texas Instruments TPS78230-Q1 Datasheet HTML 13Page - Texas Instruments TPS78230-Q1 Datasheet HTML 14Page - Texas Instruments TPS78230-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
P =(V
V
)
I
-
´
D
IN
OUT
OUT
TPS78225-Q1, TPS78227-Q1
TPS78228-Q1, TPS78230-Q1
www.ti.com
SBVS138 – DECEMBER 2009
THERMAL INFORMATION
THERMAL PROTECTION
Thermal protection disables the device output when the junction temperature rises to approximately 160°C,
allowing the device to cool. Once the junction temperature cools to approximately 140°C, the output circuitry is
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit may cycle on and off again. This cycling limits the dissipation of the regulator, protecting it from damage
as a result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, junction temperature should be limited to 125°C maximum. To estimate the
margin of safety in a complete design (including heatsink), increase the ambient temperature until the thermal
protection is triggered; use worst-case loads and signal conditions. For good reliability, thermal protection should
trigger at least 35°C above the maximum expected ambient condition of your particular application. This
configuration produces a worst-case junction temperature of 125°C at the highest expected ambient temperature
and worst-case load.
The internal protection circuitry of the TPS782xx series has been designed to protect against overload
conditions. However, it is not intended to replace proper heatsinking. Continuously running the TPS782xx series
into thermal shutdown degrades device reliability.
POWER DISSIPATION
The ability to remove heat from the die is different for each package type, presenting different considerations in
the PCB layout. The PCB area around the device that is free of other components moves the heat from the
device to the ambient air. Performance data for JEDEC low- and high-K boards are given in the Dissipation
Ratings table. Using heavier copper increases the effectiveness in removing heat from the device. The addition
of plated through-holes to heat-dissipating layers also improves the heatsink effectiveness. Power dissipation
depends on input voltage and load conditions. Power dissipation (PD) is equal to the product of the output current
times the voltage drop across the output pass element (VIN to VOUT), as shown in Equation 2:
(2)
PACKAGE MOUNTING
Solder pad footprint recommendations for the TPS782xx series are available from the Texas Instruments web
site at www.ti.com through the TPS782xx series product folders.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS78225-Q1 TPS78227-Q1 TPS78228-Q1 TPS78230-Q1


Similar Part No. - TPS78230-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78230DDCR TI1-TPS78230DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78230DDCR TI1-TPS78230DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78230DDCR TI1-TPS78230DDCR Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78230DDCT TI1-TPS78230DDCT Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78230DDCT TI1-TPS78230DDCT Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78230-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com