Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77501-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS77501-Q1
Description  FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77501-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS77501-Q1 Datasheet HTML 4Page - Texas Instruments TPS77501-Q1 Datasheet HTML 5Page - Texas Instruments TPS77501-Q1 Datasheet HTML 6Page - Texas Instruments TPS77501-Q1 Datasheet HTML 7Page - Texas Instruments TPS77501-Q1 Datasheet HTML 8Page - Texas Instruments TPS77501-Q1 Datasheet HTML 9Page - Texas Instruments TPS77501-Q1 Datasheet HTML 10Page - Texas Instruments TPS77501-Q1 Datasheet HTML 11Page - Texas Instruments TPS77501-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TPS77501Q1, '515Q1, '516Q1, '518Q1, '525Q1, '533Q1 WITH RESET OUTPUT
TPS77601Q1, '77615Q1, '77618Q1, '77625Q1, '77628Q1, '77633Q1 WITH PG OUTPUT
FAST TRANSIENT RESPONSE 500mA LOW DROPOUT VOLTAGE REGULATORS
SGLS012B − MARCH 2003 − REVISED APRIL 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid RESET
IO(RESET) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
(TPS775xx)
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
(TPS775xx)
Output low voltage
VI = 2.7 V,
IO(RESET) = 1mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
200
ms
Minimum input voltage for valid PG
IO(PG) = 300 µA
1.1
V
PG
Trip threshold voltage
VO decreasing
92
98
%VO
PG
(TPS776xx)
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS776xx)
Output low voltage
VI = 2.7 V,
IO(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
Input current (EN)
EN = 0 V
−1
0
1
A
Input current (EN)
EN = VI
−1
1
µA
TPS77628
IO = 500 mA,
TJ = 25°C
285
TPS77628
IO = 500 mA,
TJ = −40°C to 125°C
410
Dropout voltage (see Note 4)
TPS77533
IO = 500 mA,
TJ = 25°C
169
mV
Dropout voltage (see Note 4)
TPS77533
IO = 500 mA,
TJ = −40°C to 125°C
287
mV
TPS77633
IO = 500 mA,
TJ = 25°C
169
TPS77633
IO = 500 mA,
TJ = −40°C to 125°C
287
NOTE 4: IN voltage equals VO(typ) − 100 mV; TPS77x15, TPS77516, TPS77x18, and TPS77x25 dropout voltage limited by input voltage range
limitations (i.e., TPS77x33 input voltage needs to drop to 3.2 V for purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
2, 3, 4
VO
Output voltage
vs Free-air temperature
5, 6, 7
Ground current
vs Free-air temperature
8
Power supply ripple rejection
vs Frequency
9
Output spectral noise density
vs Frequency
10
Zo
Output impedance
vs Frequency
11
VDO
Dropout voltage
vs Input voltage
12
VDO
Dropout voltage
vs Free-air temperature
13
Input voltage (min)
vs Output voltage
14
Line transient response
15, 17
Load transient response
16, 18
VO
Output voltage
vs Time
19
Equivalent series resistance (ESR)
vs Output current
21 − 24


Similar Part No. - TPS77501-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77501-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77818DR TI-TPS77818DR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com